Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150TL-12NF Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM150TL-12NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150TL-12NF Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM150TL-12NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150TL-12NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150TL-12NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150TL-12NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM150TL-12NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb. 2009
5
GATE CHARGE
CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
VCC = 300V
VCC = 200V
IC = 150A
0
4
8
16
12
20
0
200
400
600
800
1000
0
MITSUBISHI IGBT MODULES
CM150TL-12NF
HIGH POWER SWITCHING USE


Similar Part No. - CM150TL-12NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150TL-12NF MITSUBISHI-CM150TL-12NF Datasheet
53Kb / 5P
   HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM150TL-12NF POWEREX-CM150TL-12NF Datasheet
537Kb / 4P
   Six IGBTMOD NF-Series Module 150 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM150TL-12NF MITSUBISHI-CM150TL-12NF_12 Datasheet
106Kb / 5P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM150TL-12NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com