Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

835-IF218.64M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 835-IF218.64M-A
Description  Base Station & Repeater
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF218.64M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  835-IF218.64M-A Datasheet HTML 1Page - Oscilent Corporation 835-IF218.64M-A Datasheet HTML 2Page - Oscilent Corporation 835-IF218.64M-A Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
. .
.
IF SAW Filter
Part Number
Package
Application
Last Modified
835-IF218.64M-A
35.0 x 12.8 Thru Hole
Base Station & Repeater
Jan. 01, 2007
TYPE :
218.64 MHz Bandpass Filter
PART NUMBER :
835-IF218.64M-A
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
-
218.640
-
MHz
Insertion Loss
-
23.2
25.0
dB
Source Impedance (single ended)*
-
50
-
ohm
Load Impedance (single ended)*
-
50
-
ohm
1dB Bandwidth
-
1.72
-
MHz
3dB Bandwidth
-
1.87
-
MHz
40dB Bandwidth
-
2.54
-
MHz
Amplitude Ripple
-
0.75
1.2
dBp-p
Group Delay Variation (smo 0.5%)
-
180
-
ns
Absolute Delay
-
3.97
-
µs
Ultimate Rejection
50
55
-
dB
Temperature Coefficient
-
-0.03
-
ppm/°C
Ambient Temperature
-
25
-
°C
* with Matching Network (Ref. Testing Environment Circut as shown below). Those impedances could be modified with
different impedances values and/or structures, if necessary.
** Custom SAW IF Filters available. Contact Oscilent for assistance.
PACKAGE OUTLINE (mm)
Page 1 of 3
Oscilent Corporation IF SAW Filter | 835-IF218.64M-A


Similar Part No. - 835-IF218.64M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF218.64M-A OSCILENT-835-IF218.64M-A_14 Datasheet
120Kb / 4P
   218.64 MHz IF SAW Filter 1.72MHz Bandwidth
More results

Similar Description - 835-IF218.64M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF120.0M-B OSCILENT-835-IF120.0M-B Datasheet
143Kb / 2P
   Base Station & Repeater
838-IF100.0M-F OSCILENT-838-IF100.0M-F Datasheet
144Kb / 2P
   Base Station & Repeater
835-IF44.0M-E OSCILENT-835-IF44.0M-E Datasheet
279Kb / 3P
   Base Station & Repeater
835-IF80.0M-B OSCILENT-835-IF80.0M-B Datasheet
175Kb / 2P
   Base Station & Repeater
835-IF137.9M-A OSCILENT-835-IF137.9M-A Datasheet
200Kb / 2P
   Base Station & Repeater
835-IF240.0M-D OSCILENT-835-IF240.0M-D Datasheet
289Kb / 2P
   Base Station & Repeater
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
   Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
   Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com