Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201-11.228M-SR-15G Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 201-11.228M-SR-15G
Description  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

201-11.228M-SR-15G Datasheet(HTML) 2 Page - Oscilent Corporation

  201-11.228M-SR-15G Datasheet HTML 1Page - Oscilent Corporation 201-11.228M-SR-15G Datasheet HTML 2Page - Oscilent Corporation 201-11.228M-SR-15G Datasheet HTML 3Page - Oscilent Corporation 201-11.228M-SR-15G Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.
.
PART NUMBER GUIDE
Series
Number
Frequency
Load Capacitance
Tolerance @ +25oC
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
201
-11.228M
-SR
- 20
G
W
Oscilent
UM-1
Surface
Mount
Crystal
Enter desired frequency
e.g. 12.0M for 12.000
MHz. See table below
for standard
frequencies.
See table below for
standard load
capacitances and enter
your required load
capacitance. e.g. 20 =
20pF Enter SR for
Series
Blank * =
±30 PPM
50 = ±50 PPM
20 = ±20 PPM
15 = ±15 PPM
10 = ±10 PPM
Blank* =
±50 PPM
G =
±30 PPM
H=
±20 PPM
K =
±15 PPM
L =
±10 PPM
Blank* =
-10~+60
S =
-20~+70
T =
-30~+80
W =
-40~+85
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY / OTHER FREQ/LOADS
AVAILABLE
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
30
7.3728
Std.
-
-
-
-
-
Std.
-
7.680
-
-
-
-
-
-
Std.
-
Page 2 of 4
Oscilent Corporation | 201


Similar Part No. - 201-11.228M-SR-15G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201-100-DPDT LITTELFUSE-201-100-DPDT Datasheet
224Kb / 2P
   3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-100-DPDT-60MS LITTELFUSE-201-100-DPDT-60MS Datasheet
224Kb / 2P
   3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-100-SLD LITTELFUSE-201-100-SLD Datasheet
567Kb / 1P
   Single-Channel Seal-Leak Detector
2016 Rev: 1-A-062816
201-100-SP LITTELFUSE-201-100-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201-100-SP-DPDT LITTELFUSE-201-100-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
More results

Similar Description - 201-11.228M-SR-15G

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com