Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152-4.0M-SR-10HR Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 152-4.0M-SR-10HR
Description  Weld Type Quartz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

152-4.0M-SR-10HR Datasheet(HTML) 4 Page - Oscilent Corporation

  152-4.0M-SR-10HR Datasheet HTML 1Page - Oscilent Corporation 152-4.0M-SR-10HR Datasheet HTML 2Page - Oscilent Corporation 152-4.0M-SR-10HR Datasheet HTML 3Page - Oscilent Corporation 152-4.0M-SR-10HR Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Page 4 of 4
Oscilent Corporation | 152


Similar Part No. - 152-4.0M-SR-10HR

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
152-41-G HELLERMANNTYTON-152-41-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
152-41-GP HELLERMANNTYTON-152-41-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
152-42-G HELLERMANNTYTON-152-42-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
152-42-GP HELLERMANNTYTON-152-42-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 152-4.0M-SR-10HR

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
QC-141 OSCILENT-QC-141 Datasheet
180Kb / 4P
   Weld Type Quartz
QC-152 OSCILENT-QC-152 Datasheet
166Kb / 4P
   Weld Type Quartz
QC-151 OSCILENT-QC-151 Datasheet
171Kb / 4P
   Weld Type Quartz
141-12.0M-20-05GP OSCILENT-141-12.0M-20-05GP Datasheet
180Kb / 4P
   Weld Type Quartz
151-12.096M-SR-05 OSCILENT-151-12.096M-SR-05 Datasheet
171Kb / 4P
   Weld Type Quartz
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USSX ECS-HC-49USSX_17 Datasheet
513Kb / 2P
   low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
HC49UX ECS-HC49UX Datasheet
151Kb / 1P
   The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com