Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

290-12.0M-SR-05GP Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 290-12.0M-SR-05GP
Description  SMD Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

290-12.0M-SR-05GP Datasheet(HTML) 2 Page - Oscilent Corporation

  290-12.0M-SR-05GP Datasheet HTML 1Page - Oscilent Corporation 290-12.0M-SR-05GP Datasheet HTML 2Page - Oscilent Corporation 290-12.0M-SR-05GP Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
e.g. 12.0M for
12.000 MHz OR
enter any desire
frequency.
for standard load
capacitance e.g. -
20 for 20pF or
Enter SR for
Series.
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
J=
±25 PPM
H=
±20 PPM
L =
±10 PPM
N=
±100 PPM
S =
-20~+70
T =
-30~+80
W =
-40~+85
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY / OTHER FREQ/LOADS
AVAILABLE
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
30
12.000
Std.
-
-
-
-
-
-
-
14.31818
Std.
-
-
-
-
-
Std.
-
16.000
Std.
-
-
-
-
-
-
-
18.432
Std.
-
-
-
-
-
-
-
19.6608
Std.
-
-
-
-
-
-
-
20.000
Std.
-
-
-
-
-
Std.
-
24.000(F)
Std.
-
-
-
-
-
Std.
-
24.00014 (F)
Std.
-
-
-
-
-
-
-
30.000 (F)
Std.
-
-
-
-
-
-
-
30.000 (OT)
Std.
-
-
-
-
-
-
-
32.000 (F)
Std.
-
-
-
-
-
-
-
32.000 (OT)
Std.
-
-
-
-
-
-
-
33.000 (OT)
Std.
-
-
-
-
-
-
-
33.8688 (F)
-
-
-
-
-
-
-
-
35.2512(OT)
Std.
-
-
-
-
-
-
-
36.000 (F)
Std.
-
-
-
-
-
-
-
36.000 (OT)
Std.
-
-
-
-
-
-
-
40.000 (F)
Std.
-
-
-
-
-
-
-
40.00 (OT)
Std.
-
-
-
-
-
-
-
40.32 (F)
Std.
-
-
-
-
-
-
-
40.32 (OT)
Std.
-
-
-
-
-
-
-
FREQUENCY
(MHz)
Series
12
13
16
17
18
20
30
LOAD (pF)
F = Fundamental | OT = 3RD OT
NOTE: Other frequencies and load capacitance available. Please consult Oscilent for part numbers.
Series No.: 290
Page 2 of 3
Oscilent Corporation | 290


Similar Part No. - 290-12.0M-SR-05GP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
290-009 GLENAIR-290-009 Datasheet
78Kb / 1P
   Metal Plug Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
   Protective Covers
290-009H12 GLENAIR-290-009H12 Datasheet
34Kb / 1P
   Protective Covers
290-009H14 GLENAIR-290-009H14 Datasheet
34Kb / 1P
   Protective Covers
More results

Similar Description - 290-12.0M-SR-05GP

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com