Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

267-12.0M-20-S-TR Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 267-12.0M-20-S-TR
Description  2 Pad Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

267-12.0M-20-S-TR Datasheet(HTML) 1 Page - Oscilent Corporation

  267-12.0M-20-S-TR Datasheet HTML 1Page - Oscilent Corporation 267-12.0M-20-S-TR Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
267
5x3.2mm Chip Type
2 Pad Quartz Crystal
July 28 2008
FEATURES
- 5x3.2mm Chip Type quartz crystal
- Low profile 2 pad
- Tight stability / High reliability
- Cost Efficient
- Tape and Reel
- RoHS / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
UNITS
Frequency Range
fo
12.00 ~ 40.00
MHz
Frequency Tolerance
@ 25ºC
±30
ppm
Frequency Stability
Ta = -20 +70ºC
±50
ppm
Operating Temperature
TOPR
-20 ~ +70
ºC
Storage Temperature
TSTG
-40 ~ +85
ºC
Shunt Capacitance
Co
7.0 max.
pF
Load Capacitance
CL (Customer Specified)
18 ~ 30, Series
pF
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
12.000 ~ 14.399
Fundamental
80
14.400 ~ 40.000
Fundamental
50
Page 1 of 2
Oscilent Corporation | 267 Series Quartz Crystal


Similar Part No. - 267-12.0M-20-S-TR

ManufacturerPart #DatasheetDescription
logo
Aven, Inc.
26700-108-ES AVEN-26700-108-ES Datasheet
915Kb / 1P
   [3x-43x] w/ Macro Lens & Post Stand
26700-109-ES AVEN-26700-109-ES Datasheet
1Mb / 1P
   [28.8x-384x] w/ Micro Lens & Post Stand
26700-117 AVEN-26700-117 Datasheet
2Mb / 2P
   Video Inspection System w/ Standard Stand
26700-118 AVEN-26700-118 Datasheet
1Mb / 1P
   Video Inspection System w/ Gliding Boom Stand
26700-140-3D AVEN-26700-140-3D Datasheet
707Kb / 1P
   Digital Microscope with Built-in HD Monitor and 360 Viewer
More results

Similar Description - 267-12.0M-20-S-TR

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
265-12.0M-20-S-TR OSCILENT-265-12.0M-20-S-TR Datasheet
133Kb / 2P
   2 Pad Quartz Crystal
269-12.0M-20-S-TR OSCILENT-269-12.0M-20-S-TR Datasheet
133Kb / 2P
   2 Pad Quartz Crystal
logo
List of Unclassifed Man...
QC5A ETC2-QC5A Datasheet
240Kb / 2P
   3.2x5.0 4-Pad SMD Quartz Crystal Unit
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC16 ETC2-QC16 Datasheet
216Kb / 2P
   1.2x1.6 4-Pad SMD Quartz Crystal Unit
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
logo
ILSI America LLC
IL3Y ILSI-IL3Y Datasheet
56Kb / 2P
   2 Pad Glass Package Quartz Crystal, 1.5 mm x 4.1 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com