Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

274-12.0M-SR-05NP Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 274-12.0M-SR-05NP
Description  SMD Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

274-12.0M-SR-05NP Datasheet(HTML) 2 Page - Oscilent Corporation

  274-12.0M-SR-05NP Datasheet HTML 1Page - Oscilent Corporation 274-12.0M-SR-05NP Datasheet HTML 2Page - Oscilent Corporation 274-12.0M-SR-05NP Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25oC
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Packaging**
274
- 12.0M
- SR
- 05
G
R
- TR
Oscilent
7 x5 SMD
See table below
for standard freq.
and enter here
e.g. 2.048M for
2.048 MHz OR
enter any desire
frequency.
Enter desired
capacitance here.
See table below
for standard load
capacitance e.g. -
20 for 20pF or
Enter SR for
Series.
Blank * = ±30 PPM
or Fill in E.G
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
Blank* = ±50 PPM
G =
±30 PPM
H=
±20 PPM
L =
±10 PPM
N=
±100 PPM
P =
0~+50
R =
-10~+60
S =
-20~+70
T =
-30~+80
W =
-40~+85
Blank* = Bulk
TR = Tape/Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY / OTHER FREQ/LOADS
AVAILABLE
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
30
9.8304
Std.
---------
---------
---------
---------
-
Std.
---------
10.000
Std.
-
-
-
-
-
-
-
11.0592
Std.
-
-
-
-
-
Std.
-
12.000
Std.
-
-
-
-
-
-
-
14.31818
Std.
-
-
-
-
-
Std.
-
16.000
Std.
-
-
-
-
-
-
-
18.432
Std.
-
-
-
-
-
-
-
19.6608
Std.
-
-
-
-
-
-
-
20.000
Std.
-
-
-
-
-
Std.
-
24.000(F)
Std.
-
-
-
-
-
Std.
-
24.00014 (F)
Std.
-
-
-
-
-
-
-
30.000 (F)
Std.
-
-
-
-
-
-
-
30.000 (OT)
Std.
-
-
-
-
-
-
-
32.000 (F)
Std.
-
-
-
-
-
-
-
32.000 (OT)
Std.
-
-
-
-
-
-
-
33.000 (OT)
Std.
-
-
-
-
-
-
-
33.8688 (F)
-
-
-
-
-
-
-
-
35.2512(OT)
Std.
-
-
-
-
-
-
-
36.000 (F)
Std.
-
-
-
-
-
-
-
36.000 (OT)
Std.
-
-
-
-
-
-
-
40.000 (F)
Std.
-
-
-
-
-
-
-
40.00 (OT)
Std.
-
-
-
-
-
-
-
40.32 (F)
Std.
-
-
-
-
-
-
-
40.32 (OT)
Std.
-
-
-
-
-
-
-
FREQUENCY
Series
12
13
16
17
18
20
30
Page 2 of 3
Oscilent Corporation | 274


Similar Part No. - 274-12.0M-SR-05NP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
274-1008-000 ITT-274-1008-000 Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
logo
List of Unclassifed Man...
274-1AB ETC-274-1AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
274-1ABE-01 ETC-274-1ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
274-1ABE-02 ETC-274-1ABE-02 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 274-12.0M-SR-05NP

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com