Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

274-12.0M-SR-05LS Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 274-12.0M-SR-05LS
Description  SMD Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

274-12.0M-SR-05LS Datasheet(HTML) 1 Page - Oscilent Corporation

  274-12.0M-SR-05LS Datasheet HTML 1Page - Oscilent Corporation 274-12.0M-SR-05LS Datasheet HTML 2Page - Oscilent Corporation 274-12.0M-SR-05LS Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
.
.
.
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
274
7 X 5 Seam Welded
SMD Quartz Crystal
Jan. 02 2005
FEATURES
- Seam welded metal lid / ceramic package
- 1.3mm max. low profile
- Tight stability / High reliability
- Wide frequency range
- Tape and Reel
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
UNITS
Frequency Range
fO
6.00 ~ 80.00
MHz
Frequency Tolerance
@ 25ºC
±10 ~ ±50
PPM
Frequency Stability
Ta = -10 +70ºC
±10 ~ ±100
PPM
Operating Temperature
TOPR
-10 ~ +60
ºC
Storage Temperature
TSTG
-40 ~ +85
ºC
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL (Customer Specified)
16, 20, 30, Series
pF
Drive Level
6.00 ~ 80.00 MHz.
0.01 ~ 1000
µW
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
6.00 ~ 11.999
Fundamental
70
12.000 ~ 20.000
Fundamental
50
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
20.100 ~ 33.000
Fundamental
40
34.000 ~ 80.000
3rd O/T
80
Page 1 of 3
Oscilent Corporation | 274


Similar Part No. - 274-12.0M-SR-05LS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
274-1008-000 ITT-274-1008-000 Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
logo
List of Unclassifed Man...
274-1AB ETC-274-1AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
274-1ABE-01 ETC-274-1ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
274-1ABE-02 ETC-274-1ABE-02 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 274-12.0M-SR-05LS

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com