Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

282-12.0M-SR-25GU Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 282-12.0M-SR-25GU
Description  SMD 2 Pad
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

282-12.0M-SR-25GU Datasheet(HTML) 3 Page - Oscilent Corporation

  282-12.0M-SR-25GU Datasheet HTML 1Page - Oscilent Corporation 282-12.0M-SR-25GU Datasheet HTML 2Page - Oscilent Corporation 282-12.0M-SR-25GU Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
32.000 (OT)
Std.
-
-
-
-
-
-
-
33.000 (OT)
Std.
-
-
-
-
-
-
-
33.8688 (F)
-
-
-
-
-
-
-
-
35.2512(OT)
Std.
-
-
-
-
-
-
-
36.000 (F)
Std.
-
-
-
-
-
-
-
36.000 (OT)
Std.
-
-
-
-
-
-
-
40.000 (F)
Std.
-
-
-
-
-
-
-
40.00 (OT)
Std.
-
-
-
-
-
-
-
40.32 (F)
Std.
-
-
-
-
-
-
-
40.32 (OT)
Std.
-
-
-
-
-
-
-
FREQUENCY
(MHz)
Series
12
13
16
17
18
20
30
LOAD (pF)
F = Fundamental | OT = 3RD OT
NOTE: Other frequencies and load capacitance available. Please consult Oscilent for part numbers.
Series No.: 282
Page 3 of 3
Oscilent Corporation | 282


Similar Part No. - 282-12.0M-SR-25GU

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
282-601 WAGO-282-601 Datasheet
126Kb / 4P
   2-conductor through terminal block
More results

Similar Description - 282-12.0M-SR-25GU

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MF EUROQUARTZ-MF Datasheet
110Kb / 1P
   6 x 3.5mm SMD, 4 pad and 2 pad
MQ EUROQUARTZ-MQ Datasheet
141Kb / 1P
   7 x 5mm SMD, 4 pad and 2 pad
MQ2030 EUROQUARTZ-MQ2030 Datasheet
246Kb / 1P
   7 x 5mm SMD, 4 pad or 2 pad
MQ2 EUROQUARTZ-MQ2 Datasheet
246Kb / 1P
   7 x 5mm SMD, 4 pad or 2 pad
logo
Fronter Electronics Co....
HC-49SMD FRONTER-HC-49SMD Datasheet
168Kb / 2P
   2 Pad SMD Crystal 11.5x4.8 mm
logo
Advanced Crystal Techno...
ACT753SMX-2 ACT-ACT753SMX-2 Datasheet
113Kb / 2P
   2 pad, high quality, low aging SMD
17/08/04
logo
Jauch Quartz Gmbh
JAG53P4 JAUCH-JAG53P4 Datasheet
143Kb / 1P
   2 Pad Version
JAG84P2 JAUCH-JAG84P2 Datasheet
142Kb / 1P
   2 Pad Version
logo
EUROQUARTZ limited
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
   7x5mm SMD 6 pad
logo
Advanced Crystal Techno...
ACT530SMX-2 ACT-ACT530SMX-2 Datasheet
129Kb / 2P
   2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com