Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142-12.0M-20-25GR Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 142-12.0M-20-25GR
Description  Weld Type Quartz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

142-12.0M-20-25GR Datasheet(HTML) 1 Page - Oscilent Corporation

  142-12.0M-20-25GR Datasheet HTML 1Page - Oscilent Corporation 142-12.0M-20-25GR Datasheet HTML 2Page - Oscilent Corporation 142-12.0M-20-25GR Datasheet HTML 3Page - Oscilent Corporation 142-12.0M-20-25GR Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Quartz Crystals
Series Number
Package
Description
Last Modified
141 ~ 142
HC-49U / HC-49T
Weld Type Quartz
April. 17 2008
Quartz Crystal FEATURES
- Industry Standard Package
- Wide Frequency range
- Tight Tolerances
- Excellent reliability/Aging
- "AT" cut crystals
- Cost effective
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Frequency Range
fO
1.800 ~ 100.00
MHz
Frequency Tolerance
Ref @ +25°C
±30 std. (±5 ~ ±100 avail.)
PPM
Temperature Tolerance
TL
±50 std. (See Table 2)
PPM
Operating Temperature
TOPR
-20 ~ +70 std. (See Table 2)
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL
20.0 std. (8 ~ 50 and Series avail.)
pF
Drive Level
DL
0.05 ~ 1.0
mW
Aging (First Year)
@ +25°C
±5.0 max.
PPM/Y
Insulation Resistance
IR
500 (DC100 ±10V) min.
Mohm
TABLE 1 - MODE OF OSCILLATION AND EQUIVALENT SERIES RESISTANCE
FREQUENCY RANGE (MHz)
MODE
HC-49T (ohm max.)
HC-49U (ohm max.)
1.800 ~ 2.000
Fundamental
-
600
2.000~ 2.400
Fundamental
-
450
2.400 ~ 3.000
Fundamental
-
350
3.000 ~ 3.500
Fundamental
-
150
3.500 ~ 4.000
Fundamental
150
90
4.000 ~ 7.000
Fundamental
90
70
7.000 ~ 10.000
Fundamental
50
50
10.000 ~ 15.000
Fundamental
45
35
15.000 ~ 20.000
Fundamental
25
25
20.000 ~ 25.000
Fund. / 3rd OT
25 / 60
25 / 50
25.000 ~ 30.000
Fund. / 3rd OT
25 / 40
25 / 40
30.000 ~ 75.000
3rd Overtone
40
40
75.000 ~ 100.000
3rd / 5th Overtone
- / 60
- / 60
27.000 ~ 35.000
BT Fund.
40
40
TABLE 2 - FREQUENCY - TEMPERATURE TOLERANCE
Tolerance (PPM)
Page 1 of 4
Oscilent Corporation | 141 - 142


Similar Part No. - 142-12.0M-20-25GR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
142-10J08L COILCRAFT-142-10J08L Datasheet
128Kb / 2P
   10 mm Tunable Coils
142-10J08L COILCRAFT-142-10J08L Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
142-10J08SL COILCRAFT-142-10J08SL Datasheet
128Kb / 2P
   10 mm Tunable Coils
142-10J08SL COILCRAFT-142-10J08SL Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
logo
List of Unclassifed Man...
142-1538 ETC2-142-1538 Datasheet
27Kb / 1P
   High quality steel plated and polished.
More results

Similar Description - 142-12.0M-20-25GR

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
QC-141 OSCILENT-QC-141 Datasheet
180Kb / 4P
   Weld Type Quartz
QC-152 OSCILENT-QC-152 Datasheet
166Kb / 4P
   Weld Type Quartz
152-4.0M-SR-10GP OSCILENT-152-4.0M-SR-10GP Datasheet
166Kb / 4P
   Weld Type Quartz
QC-151 OSCILENT-QC-151 Datasheet
171Kb / 4P
   Weld Type Quartz
151-12.096M-SR-05 OSCILENT-151-12.096M-SR-05 Datasheet
171Kb / 4P
   Weld Type Quartz
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USSX ECS-HC-49USSX_17 Datasheet
513Kb / 2P
   low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
HC49UX ECS-HC49UX Datasheet
151Kb / 1P
   The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com