Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640-423.22M Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 640-423.22M
Description  One-Port 180째 SAW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

640-423.22M Datasheet(HTML) 2 Page - Oscilent Corporation

  640-423.22M Datasheet HTML 1Page - Oscilent Corporation 640-423.22M Datasheet HTML 2Page - Oscilent Corporation 640-423.22M Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
..
PART NUMBER GUIDE
Part Number
Frequency
640-260.0M
260.0 MHz
640-303.825M
303.825
640-303.875M
303.875
640-304.3M
304.3
640-310.0M
310.0
640-314.5M
314.5
640-315.0M
315.0
Part Number
Frequency
640-418.0M
418.0 MHz
640-423.0M
423.0
640-423.22M
423.22
640-433.42M
433.42
640-433.92M
433.92
640-434.0M
434.0
640-479.5M
479.5
Page 2 of 3
Oscilent Corporation | 640
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-640.html


Similar Part No. - 640-423.22M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
640-423.22M OSCILENT-640-423.22M Datasheet
141Kb / 3P
   Quartz Stability
More results

Similar Description - 640-423.22M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
641 OSCILENT-641 Datasheet
139Kb / 3P
   Two-Port 180째 SAW
641-384.05M OSCILENT-641-384.05M Datasheet
139Kb / 3P
   Two-Port 180째 SAW
logo
ECS, Inc.
ECS-DR2 ECS-ECS-DR2 Datasheet
185Kb / 1P
   TWO-PORT 180째 SAW RESONATOR
logo
Oscilent Corporation
642 OSCILENT-642 Datasheet
125Kb / 2P
   One-Port SAW
642-314.5M OSCILENT-642-314.5M Datasheet
125Kb / 2P
   One-Port SAW
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Advanced Crystal Techno...
ACTQ433 ACT-ACTQ433 Datasheet
63Kb / 3P
   two-port, 180째 surface-acoustic-wave (SAW) resonator
SEPT 04
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com