Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM450DX-24A Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM450DX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM450DX-24A Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM450DX-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ju
l. 2009
4
MITSUBISHI IGBT MODULES
CM450DX-24A
HIGH POWER SWITCHING USE
Chip Location (Top view)
Dimensions in mm (
Tolerance: ±1mm)
Each mark points the center position of each chip. Tr
1/Tr2: IGBT, Di1/Di2: FWDi, Th: NTC thermistor
(121.7)
(152)
(110)
0
28.2
42.0
51.6
LABEL SIDE
0
26.6
43.9
Di 1
Di 1
Di 1
Di 2
Di 2
Di 2
Tr 1
Tr 1
Tr 1
Tr
Th
2T r 2
T r 2
46
47
48
24
23
22
45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - CM450DX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM450DX-24S MITSUBISHI-CM450DX-24S Datasheet
569Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM450DX-24S POWEREX-CM450DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 450 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM450DX-24S1 MITSUBISHI-CM450DX-24S1 Datasheet
745Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM450DX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com