Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400HX-24A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM400HX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400HX-24A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM400HX-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400HX-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400HX-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400HX-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM400HX-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM400HX-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Jan. 2009
PERFORMANCE CURVES
800
0
100
200
300
400
500
600
700
10
0
246
8
1
357
9
Tj = 25
°C
VGE =
20V
15
12
13
11
10
9
4
3.5
2
1.5
3
2.5
1
0.5
0
0
100 200 300 400 500 600 700 800
Tj = 25
°C
Tj = 125
°C
VGE = 15V
10
0
2
4
6
8
20
6
8
10
12
14
16
18
Tj = 25
°C
IC = 800A
IC = 400A
IC = 160A
102
101
5
7
2
3
04
0.5
1
1.5
2
2.5
3
3.5
103
5
7
2
3
Tj = 25
°C
Tj = 125
°C
10–1 2
100
35 7
2
101
35 7
2
102
35 7
VGE = 0V
101
102
23
5
7
103
23
5
7
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
td(off)
td(on)
tf
tr
Conditions:
VCC = 600V
VGE =
±15V
RG = 0.75
Ω
Tj = 125
°C
Inductive load
OUTPUT CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL) Inverter part
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
102
7
5
3
2
103
Cies
Coes
Cres
COLLECTOR-EMITTER VOLTAGE VCE (V)
GATE-EMITTER VOLTAGE VGE (V)
CAPACITANCE CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL) Inverter part
FREE WHEELING DIODE
FORWARD CHARACTERISTICS
(TYPICAL) Inverter part
EMITTER-COLLECTOR VOLTAGE VEC (V)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL) Inverter part
COLLECTOR CURRENT IC (A)
MITSUBISHI IGBT MODULES
CM400HX-24A
HIGH POWER SWITCHING USE


Similar Part No. - CM400HX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HA-12H MITSUBISHI-CM400HA-12H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400HA-12H POWEREX-CM400HA-12H Datasheet
66Kb / 4P
   Single IGBTMOD 400 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM400HA-24 MITSUBISHI-CM400HA-24 Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400HA-24 POWEREX-CM400HA-24 Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
More results

Similar Description - CM400HX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com