Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-RF902.5M-B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 802-RF902.5M-B
Description  902.5 MHz RF SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF902.5M-B Datasheet(HTML) 1 Page - Oscilent Corporation

  802-RF902.5M-B Datasheet HTML 1Page - Oscilent Corporation 802-RF902.5M-B Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
RF SAW Filter
Part Number
Package
Application
Last Modified
802-RF902.5M-B
3.0 x 3.0 SMD
GSM System
Jan. 10 2003
TYPE :
902.5 MHz RF SAW Filter
PART NUMBER :
802-RF902.5M-B
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Condition
Minimum
Typical
Maximum
Units
Center Frequency
-
-
902.5
-
MHz
Insertion Loss
890.0 ~ 915.0 MHz
-
3.0
3.5
dB
DC Voltage
-
-
-
0
V
Input Power
-
-
-
10
dBm
Operating Temperature
-
-25
-
+75
°C
Storage Temperature
-
-40
-
+85
°C
Ripple
890.0 ~ 915.0 MHz
-
0.8
1.5
dB
Stopband Attenuation
DC ~ 845MHz
48.0
52.0
-
dB
845.0 ~ 870.0 MHz
40.0
45.0
-
925.0 ~ 935.0 MHz
5.0
15.0
-
935.0 ~ 980.0 MHz
25.0
32.0
-
980.0 ~ 1200.0 MHz
45.0
49.0
-
1200.0 ~ 3000.0 MHz
25.0
38.0
-
VSWR
890.0 ~ 915.0 MHz
-
1.8
2.3
-
Teminating Impedance
-
-
50
-
ohm
* Maximum Rating (Ta=25°C)
** Custom SAW RF Filters available. Contact Oscilent for assistance.
Pin Layout
A
Ground
B
Output
C
Ground
D
Ground
E
Input
F
Ground
Frequency Reponse
Page 1 of 2
Oscilent Corporation RF SAW Filter | 802-RF902.5M-B
12/28/2005
http://www.oscilent.com/spec_pages/rf_sawfilter/rf_802_rf902_5b.htm


Similar Part No. - 802-RF902.5M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF902.5M-C OSCILENT-802-RF902.5M-C Datasheet
279Kb / 2P
   Wireless, RF SAW Filter
More results

Similar Description - 802-RF902.5M-B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0747B TAI-SAW-TA0747B Datasheet
995Kb / 7P
   SAW Filter 902.5 MHz
TA0992A TAI-SAW-TA0992A Datasheet
394Kb / 7P
   SAW Filter 902.5 MHz
TA0992B TAI-SAW-TA0992B Datasheet
324Kb / 7P
   SAW Filter 902.5 MHz
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
logo
TAI-SAW TECHNOLOGY CO.,...
TA2709AA1325 TAI-SAW-TA2709AA1325 Datasheet
384Kb / 7P
   SAW Filter 902.5 MHz (BW 25 MHz) CSP 1.4x1.1 mm
logo
Oscilent Corporation
802-RF836.5M-D OSCILENT-802-RF836.5M-D Datasheet
225Kb / 2P
   836.5 MHz RF SAW Filter
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
   868.3 MHz RF SAW Filter
803-RF416.0M-A OSCILENT-803-RF416.0M-A Datasheet
202Kb / 2P
   416.0 MHz RF SAW Filter
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
   SAW RF filter 2017.50 MHz
logo
Oscilent Corporation
803-RF446.0M-A OSCILENT-803-RF446.0M-A Datasheet
226Kb / 2P
   446.0 MHz RF SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com