Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-RF452.5M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 802-RF452.5M-A
Description  CDMA450(C-Band), RF-Tx SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF452.5M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  802-RF452.5M-A Datasheet HTML 1Page - Oscilent Corporation 802-RF452.5M-A Datasheet HTML 2Page - Oscilent Corporation 802-RF452.5M-A Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
. .
.
RF SAW Filter
Part Number
Package
Application
Last Modified
802-RF452.5M-A
3.0 x 3.0 SMD
CDMA450(C-Band)
Jan. 01, 2007
TYPE :
CDMA450(C-Band), RF-Tx SAW Filter
PART NUMBER :
802-RF452.5M-A
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Condition
Minimum
Typical
Maximum
Units
Center Frequency (Fo)
-
-
452.5
-
MHz
Maximum Insertion Loss
450.0~ 454.8 MHz
-
2.0
3.2
dB
Stop Band Attenuation:
0.3~ 440.0 MHz
25
28
-
dB
460.0~ 464.8 MHz
30
48
-
464.8~ 1700.0MHz
20
25
-
1700.0~ 2000.0 MHz
15
22
-
Source Impedence (single ended)*
-
-
50
-
ohm
Load Impendance (single ended)*
-
-
50
-
ohm
VSWR
450.0~ 454.8 MHz
-
1.3
2.0
-
Maximum Input Power
-
-
-
30
dBm
Operating Temperature
-
-30
-
+80
ºC
* No Matching Network
PACKAGE OUTLINE (mm)
PIN LAYOUT
A
Ground
B
Out
C
Ground
D
Ground
E
In
F
Ground
TEST FIXTURE
Source/ Load Impedance = 50 ohms
Page 1 of 3
Oscilent Corporation RF SAW Filter | 802-RF452.5M-A


Similar Part No. - 802-RF452.5M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF452.5M-A OSCILENT-802-RF452.5M-A_14 Datasheet
139Kb / 5P
   CDMA 450 C-Band, RF-Tx SAW Filter
More results

Similar Description - 802-RF452.5M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF462.5M-B OSCILENT-802-RF462.5M-B Datasheet
217Kb / 2P
   CDMA450(C-Band), RF-Tx SAW Filter
802-RF453.5M-A OSCILENT-802-RF453.5M-A Datasheet
479Kb / 3P
   CDMA450(H-Band), RF-Tx SAW Filter
803-RF481.2M-A OSCILENT-803-RF481.2M-A Datasheet
489Kb / 3P
   CDMA450(F-Band), RF-Tx SAW Filter
802-RF457.6M-A OSCILENT-802-RF457.6M-A Datasheet
485Kb / 3P
   CDMA450(G-Band), RF-Tx SAW Filter
803-RF412.25M-A OSCILENT-803-RF412.25M-A Datasheet
490Kb / 3P
   CDMA450 (L-Band), RF-Tx SAW Filter
logo
Transko Electronics, In...
TA453BM2 TRANSKO-TA453BM2 Datasheet
369Kb / 4P
   CDMA450 H-Band, RF-Tx SAW Filter
Revision 0: April 2007
logo
Oscilent Corporation
803-RF413.7M-A OSCILENT-803-RF413.7M-A Datasheet
473Kb / 3P
   CDMA450 (D-Band), RF-Tx SAW Filter
logo
Transko Electronics, In...
TA455CM2 TRANSKO-TA455CM2 Datasheet
462Kb / 4P
   CDMA450 A-Band, RF-Tx SAW Filter
Revision 0: April 2007
logo
Oscilent Corporation
802-RF454.0M-A OSCILENT-802-RF454.0M-A Datasheet
674Kb / 3P
   CDMA450(B-Band), RF-Tx SAW Filter
802-RF413.7M-A OSCILENT-802-RF413.7M-A Datasheet
380Kb / 3P
   CDMA450(D-Band), RF-Tx SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com