Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251-12.0M-SR-25NS Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 251-12.0M-SR-25NS
Description  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

251-12.0M-SR-25NS Datasheet(HTML) 1 Page - Oscilent Corporation

  251-12.0M-SR-25NS Datasheet HTML 1Page - Oscilent Corporation 251-12.0M-SR-25NS Datasheet HTML 2Page - Oscilent Corporation 251-12.0M-SR-25NS Datasheet HTML 3Page - Oscilent Corporation 251-12.0M-SR-25NS Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
.
.
.
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
250 ~ 251
HC-49SM
SMD Quartz Crystal
Sept. 01 2004
FEATURES
- Cost effective
- Low profile
- Space saving design
- Tape and Reel
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS.
CHARACTERISTICS
UNITS
Frequency Range
fO
3.000 ~ 85.00
MHz
Frequency Tolerance
Ref @ +25°C
±30 std. (±5 ~ ±100 avail.)
PPM
Temperature Tolerance
TL
±50 std. (See Table 2)
PPM
Operating Temperature
TOPR
-10 ~ +60 std. (See Table 2)
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL
20.0 std. (8 ~ 50 and Series avail.)
pF
Drive Level
DL
0.1 ~ 1.0
mW
Aging (First Year)
@ +25°C
±5.0
PPM/Y
Insulation Resistance
IR
500 (DC100 ±10V) min.
Mohm
TABLE 1 - OPERATION MODE AND MOTIONAL RESISTANCE (RS)
FREQUENCY RANGE (MHz)
MODE
ohm max.
3.000 ~ 3.500
Fundamental
300
3.500 ~ 3.800
Fundamental
150
3.800 ~ 4.100
Fundamental
120
4.100 ~ 5.000
Fundamental
100
5.000 ~ 6.000
Fundamental
80
6.000 ~ 8.000
Fundamental
70
FREQUENCY RANGE (MHz)
MODE
ohm max.
8.000 ~ 10.000
Fundamental
60
10.000 ~ 12.000
Fundamental
50
12.000 ~ 28.000
Fundamental
40
28.000 ~ 33.500
Fundamental
50
26.000 ~ 40.000
3rd OT
100
40.000 ~ 75.000
3rd OT
80
TABLE 2 - FREQUENCY - TEMPERATURE TOLERANCE
Cutting
Temperature
Range
Tolerance (PPM)
±5.00
±10.0
±15.0
±20.0
±30.0
±50.0
AT
0 ~ +50°C
x
x
x
x
x
x
-10 ~ +60°C
-
x
x
x
O
x
-20 ~ +70°C
-
-
x
x
x
O
-30 ~ +80°C
-
-
-
x
x
x
x
available
O
recommended
Page 1 of 4
Oscilent Corporation | 250 - 251


Similar Part No. - 251-12.0M-SR-25NS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
logo
Winchester Electronics ...
251-360-0001P WINCHESTER-251-360-0001P Datasheet
127Kb / 1P
   SMA JACK TO BMA BULKHEAD PLUG ADAPTER
logo
Marl International Limi...
251-993-64 MARL-251-993-64 Datasheet
119Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌
More results

Similar Description - 251-12.0M-SR-25NS

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com