Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-RF815.5M-B Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 802-RF815.5M-B
Description  Low-Loss RF SAW Filter For iDEN Tx
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF815.5M-B Datasheet(HTML) 2 Page - Oscilent Corporation

  802-RF815.5M-B Datasheet HTML 1Page - Oscilent Corporation 802-RF815.5M-B Datasheet HTML 2Page - Oscilent Corporation 802-RF815.5M-B Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Load/ Source Impedance = 50 ohms
FREQUENCY RESPONSE
VSWR
SMITH CHART
Page 2 of 3
Oscilent Corporation RF SAW Filter | 802-RF815.5M-B


Similar Part No. - 802-RF815.5M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF815.5M-B OSCILENT-802-RF815.5M-B_14 Datasheet
137Kb / 5P
   iDEN, RF-Tx SAW Filter
More results

Similar Description - 802-RF815.5M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF815.5M-B OSCILENT-802-RF815.5M-B_14 Datasheet
137Kb / 5P
   iDEN, RF-Tx SAW Filter
802-RF860.5M-B OSCILENT-802-RF860.5M-B Datasheet
393Kb / 3P
   Low-Loss RF SAW Filter For iDEN Rx
logo
Transko Electronics, In...
TA815BM TRANSKO-TA815BM Datasheet
354Kb / 4P
   iDEN, RF-Tx SAW Filter
Revision 1: January 2010
logo
Oscilent Corporation
802-RF861.0M-A OSCILENT-802-RF861.0M-A Datasheet
336Kb / 3P
   iDEN, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA860BM TRANSKO-TA860BM Datasheet
347Kb / 4P
   iDEN Rx, RF SAW Filter
Revision 0: April 2005
TA861AM TRANSKO-TA861AM Datasheet
365Kb / 4P
   iDEN, RF-Rx SAW Filter
Revision 0: October 2003
logo
EPCOS
B3836 EPCOS-B3836_1 Datasheet
81Kb / 8P
   SAW filter iDEN
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com