Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1200HG-66H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM1200HG-66H
Description  HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1200HG-66H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM1200HG-66H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1200HG-66H_09 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May 2009
3
MITSUBISHI HVIGBT MODULES
CM1200HG-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
THERMAL CHARACTERISTICS
Symbol
Item
Conditions
6.0
9.0
17.5
Typ
Limits
Max
Min
Unit
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
Thermal resistance
Thermal resistance
Contact thermal resistance
Junction to Case, IGBT part
Junction to Case, FWDi part
Case to Fin,
λgrease = 1W/m·K, D(c-f) = 100 µm
K/kW
K/kW
K/kW
MECHANICAL CHARACTERISTICS
Symbol
Item
Conditions
7.0
3.0
1.0
600
26
56
1.35
17
0.14
15.0
6.0
3.0
Typ
Limits
Max
Min
Unit
Mt
Ms
Mt
m
CTI
da
ds
LP CE
RCC’+EE’
Mounting torque
Mass
Comparative tracking index
Clearance
Creepage distance
Internal inductance
Internal lead resistance
M8: Main terminals screw
M6: Mounting screw
M4: Auxiliary terminals screw
Tc = 25
°C
N·m
N·m
N·m
kg
mm
mm
nH
m
Note 1. Pulse width and repetition rate should be such that junction temperature (Tj) does not exceed Topmax rating (125
°C).
2. The symbols represent characteristics of the anti-parallel, emitter to collector free-wheel diode (FWDi).
3. Junction temperature (Tj) should not exceed Tjmax rating (150
°C).
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Eon(10%) / Eoff(10%) / Erec(10%) are the integral of
0.1VCE x 0.1IC x dt.


Similar Part No. - CM1200HG-66H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200HG-66H MITSUBISHI-CM1200HG-66H Datasheet
67Kb / 7P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1200HG-66H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HG-90H MITSUBISHI-CM600HG-90H Datasheet
102Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200HG-130H MITSUBISHI-CM200HG-130H Datasheet
105Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
116Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1500HC-66R MITSUBISHI-CM1500HC-66R Datasheet
117Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM900HG-90H MITSUBISHI-CM900HG-90H Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com