Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1500HC-66R Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM1500HC-66R
Description  HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1500HC-66R Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM1500HC-66R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM1500HC-66R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Mar. 2009
1
MITSUBISHI HVIGBT MODULES
CM1500HC-66R
HIGH POWER SWITCHING USE
INSULATED TYPE
● IC............................................................... 1500 A
● VCES ....................................................... 3300V
● 1-element in a Pack
● Insulated Type
● LPT-IGBT / Soft Recovery Diode
● AISiC Baseplate
APPLICATION
Traction drives, High Reliability Converters / Inverters, DC choppers
CM1500HC-66R
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
CIRCUIT DIAGRAM
>PET+PBT<
>PET+PBT<
SCREWING DEPTH
MIN 16.5
SCREWING DEPTH
MIN 7.7
3
5
4
6
(E)
(E)
(C)
1
2
(E)
(C)
(C)
E
G
C
C
EG
6
5
4
3
2
1
3-M4 NUTS
8-
φ7 MOUNTING HOLES
6-M8 NUTS
190 ±0.5
29.5 ±0.5
20.25 ±0.3
41.25 ±0.3
13 ±0.3
79.4 ±0.3
61.5 ±0.3
61.5 ±0.3
57 ±0.25
57 ±0.25
57 ±0.25
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules


Similar Part No. - CM1500HC-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1500HC-66R MITSUBISHI-CM1500HC-66R Datasheet
426Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Power Integrations, Inc...
CM1500HC-66R POWERINT-CM1500HC-66R Datasheet
276Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-22
logo
Mitsubishi Electric Sem...
CM1500HC-66R MITSUBISHI-CM1500HC-66R_12 Datasheet
426Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1500HC-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HG-90H MITSUBISHI-CM600HG-90H Datasheet
102Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200HG-130H MITSUBISHI-CM200HG-130H Datasheet
105Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
116Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1200HG-66H MITSUBISHI-CM1200HG-66H_09 Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM900HG-90H MITSUBISHI-CM900HG-90H Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com