Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ-N323RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-N323RD
Description  9.20mm (0.36) high four digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-N323RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BQ-N323RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-N323RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-N323RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BQ
Q--N
N3
32
23
3R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
11. Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Forward Voltage (V)
12
345
0
10
20
30
40
50
Fig.2 Forward Current VS.
Forward Voltage
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Ambient Temperature Ta( C)
Forward Current(mA)
-40
-20
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig.3 Relative Luminous
Intensity VS.
Ambient Temperature
Fig.4 Relative Luminous
Intensity VS.
Forward Current
10
20
30
40
50
0
1.0
2.0
3.0
0
500
530
0.5
560
590
1.0
680
620
650
Ambient Temperature Ta( C)
Fig.5 Forward Current
0
10
20
40
20
60
40
50
Derating Curve VS.
80
100
30
120
Ambient Temperature
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BQ-N323RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ-N323RD ETC-BQ-N323RD Datasheet
123Kb / 1P
   FOUR DIGIT LED DISPLAYS
More results

Similar Description - BQ-N323RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M32DRD BRIGHT-BQ-M32DRD Datasheet
305Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-M324RD BRIGHT-BQ-M324RD Datasheet
207Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-M326RD BRIGHT-BQ-M326RD Datasheet
287Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N326RD BRIGHT-BQ-N326RD Datasheet
203Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N32DRD BRIGHT-BQ-N32DRD Datasheet
223Kb / 3P
   9.20mm (0.36 )high four digit seven segments display.
BQ-N324RD BRIGHT-BQ-N324RD Datasheet
302Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BT-M322RD BRIGHT-BT-M322RD Datasheet
252Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M325RD BRIGHT-BT-M325RD Datasheet
276Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M324RD BRIGHT-BT-M324RD Datasheet
220Kb / 3P
   9.20mm(0.36) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com