Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M81708FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M81708FP
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M81708FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M81708FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M81708FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M81708FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M81708FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M81708FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M81708FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mar. 2006
MITSUBISHI SEMICONDUCTORS <HVIC>
M81708FP
HIGH VOLTAGE HALF BRIDGE DRIVER
3.Allowable Supply Voltage Transient
It is recommended that supplying VCC firstly and supplying VBS secondly. In the case of shutting off supply voltage, shut-
ting off VBS firstly and shutting off VCC secondly. At the time of starting VCC and VBS, power supply should be increased
slowly. If it is increased rapidly, output signal (HO or LO) may be “H”.
PACKAGE OUTLINE
SOP16-P-300-1.27
Weight(g)
JEDEC Code
0.2
EIAJ Package Code
Lead Material
Cu Alloy
16P2N-A
Plastic 16pin 300mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
.35
0
0
.18
0
.0
10
.2
5
.5
7
.4
0
.27
1
.1
0
.8
1
.4
0
.2
0
.1
10
.3
5
.27
1
.8
7
.6
0
.25
1
.62
7
.2
0
.1
2
.5
0
.25
0
.2
10
.4
5
.1
8
.8
0
.1
0
b2
–.76
0–
–8°
e
e1
16
9
8
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
Detail G
z
Z1
x
Z1
0.605
0.755
0.25
z
b
x
M
G


Similar Part No. - M81708FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81701FP MITSUBISHI-M81701FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
   HIGH VOLTAGE HIGH SIDE DRIVER
More results

Similar Description - M81708FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com