Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFS36E2527 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGFS36E2527
Description  2.5-2.7GHz HBT HYBRID IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS36E2527 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGFS36E2527_08 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGFS36E2527_08 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI SEMICONDUCTOR
MGFS36E2527
Specifications are subject to change without notice.
2.5-2.7GHz HBT HYBRID IC
MITSUBISHI ELECTRIC CORP.
(3/7)
January-2008
PERFORMANCE DATA
WiMAX OFDM 64QAM signal input. Ta=25degC.
Output Power vs. Input Power
Efficiency vs. Output Power
EVM vs. Output Power
Detector Voltage vs. Output Power
Attenuation Performance
10
15
20
25
30
-20
-15
-10
-5
0
Input Power (dBm)
2.5GHz
2.6GHz
2.7GHz
Vc=6V
Vref=2.85V
Vcont=0V
0
2
4
6
8
10
12
14
16
18
20
10
15
20
25
30
Output Power (dBm)
2.5GHz
2.6GHz
2.7GHz
Vc=6V
Vref=2.85V
Vcont=0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
10
15
20
25
30
Output Power (dBm)
2.5GHz
2.6GHz
2.7GHz
Vc=6V
Vref=2.85V
Vcont=0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
15
20
25
30
Output Power (dBm)
2.5GHz
2.6GHz
2.7GHz
Vc=6V
Vref=2.85V
Vcont=0V
0
10
20
30
40
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
Vcont=0V
Vcont=3V
Vc=6V
Vref=2.85V


Similar Part No. - MGFS36E2527_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS36E2527 MITSUBISHI-MGFS36E2527_07 Datasheet
74Kb / 7P
   2.5-2.7GHz HBT HYBRID IC
More results

Similar Description - MGFS36E2527_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS36E2527 MITSUBISHI-MGFS36E2527_07 Datasheet
74Kb / 7P
   2.5-2.7GHz HBT HYBRID IC
MGFS36E2527 MITSUBISHI-MGFS36E2527 Datasheet
53Kb / 3P
   2.5-2.7GHz HBT HYBRID IC
MGFS36E2527 MITSUBISHI-MGFS36E2527_10 Datasheet
78Kb / 7P
   2.5-2.7GHz HBT HYBRID IC
MGFS39E2527A-01 MITSUBISHI-MGFS39E2527A-01 Datasheet
342Kb / 20P
   2.5-2.7GHz HBT Integrated Circuit
MGFS38E2527-01 MITSUBISHI-MGFS38E2527-01 Datasheet
456Kb / 21P
   2.5 - 2.7GHz HBT MMIC MODULE
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
   GaAs HBT HYBRID IC
MGFS36E2325 MITSUBISHI-MGFS36E2325 Datasheet
69Kb / 6P
   2.3-2.5GHz HBT HYBRID IC
MGFS36E3436A MITSUBISHI-MGFS36E3436A_10 Datasheet
131Kb / 8P
   3.4-3.6GHz HBT HYBRID IC
MGFS36E3436A MITSUBISHI-MGFS36E3436A Datasheet
131Kb / 8P
   3.4-3.6GHz HBT HYBRID IC
MGFS36E2325 MITSUBISHI-MGFS36E2325_10 Datasheet
70Kb / 6P
   2.3-2.5GHz HBT HYBRID IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com