Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-4.0M-325A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 515-4.0M-325A
Description  HCMOS / TTL / Clipped Sine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

515-4.0M-325A Datasheet(HTML) 2 Page - Oscilent Corporation

  515-4.0M-325A Datasheet HTML 1Page - Oscilent Corporation 515-4.0M-325A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
-40 ~ +80°C
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency Stability
(max.)
Operating Temp.
(°C)
Frequency
Deviation
515
- 4.0 M
- 3
45
A
- NC
Oscilent
515 =TTL
516 =HCMOS
517 = Clipped Sine
Wave
518 = Compatible
Enter your desired
frequency e.g. 12.0M =
12.000MHz
5 = 5VDC
3 = 3.3VDC
15 =
±1.5 PPM
20 =
±2.0 PPM
25 =
±2.5 PPM
30 =
±3.0 PPM
35 =
±3.5 PPM
40 =
±4.0 PPM
45 =
±4.5 PPM
50 =
±5.0 PPM
A =
0 ~ +50
B =
-10 ~ +60
C =
-10 ~ +70
D =
-20 ~ +70
E =
-30 ~ +60
F =
-30 ~ +70
G =
-30 ~ +75
H =
-40 ~ +80
NC = No Connection
(TCXO)
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.:
515 to 518
Page 2 of 2
Oscilent Corporation | 515 - 518 Series TCXO - Temperature Compensated Crystal Oscill...


Similar Part No. - 515-4.0M-325A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
515-4.0M-340D-5 OSCILENT-515-4.0M-340D-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-340E-5 OSCILENT-515-4.0M-340E-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-345D-5 OSCILENT-515-4.0M-345D-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-345E-5 OSCILENT-515-4.0M-345E-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 515-4.0M-325A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
501-4.0M-315A OSCILENT-501-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
501 OSCILENT-501 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
511 OSCILENT-511 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
511-4.0M-315A OSCILENT-511-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
531 OSCILENT-531 Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
515 OSCILENT-515 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
521 OSCILENT-521 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
521-4.0M-315A OSCILENT-521-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
531-20.0M-515A OSCILENT-531-20.0M-515A Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
logo
Vanlong Technology Co.,...
TO501 VANLONG-TO501 Datasheet
40Kb / 1P
   Clipped-Sine/CMOS/TTL Leaded TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com