Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75CS1D120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM75CS1D120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CS1D120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM75CS1D120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75CS1D120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2009
1
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CS1D120
FLAT-BASE TYPE
INSULATED PACKAGE
PM75CS1D120
FEATURE
Inverter + Drive & Protection IC
• 3 phase 75A/1200V CSTBTTM
(The Current senser and the thermal senser with a build-in
CSTBTTM.)
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for, short-
circuit, over-temperature & under-voltage
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
5-M4 NUT
2-
φ5.5
MOUNTING HOLES
23.79
5-2.54
10.6
6.5
10.16
10.16
15
19
19
19
LABEL
19
10.16
106 ±0.3
7
120
14
WV
U
N
P
9
67.4
5.57
710
15
1. VWPC
2. WP
3. VWP1
4. VVPC
5. VP
6. VVP1
7. VUPC
8. UP
9. VUP1
10. VNC
11. VN1
12. WN
13. VN
14. UN
15. Fo
Terminal code


Similar Part No. - PM75CS1D120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75CS1D060 MITSUBISHI-PM75CS1D060 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75CS1D120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com