Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CL1A120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM100CL1A120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CL1A120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM100CL1A120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100CL1A120
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
2
VN
UN
WP
VWP1
WFO
VWPC
VP
VVP1
VFO
VVPC
UP
VUP1
UFO
VUPC
NC
NC
N
W
V
U
P
Fo
1.5k
1.5k
1.5k
1.5k
VNC
VN1
WN
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
1200
100
200
657
–20 ~ +150
Ratings
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
(Note-1)
TC = 25
°C
TC = 25
°C
(Note-1)
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Unit
INTERNAL FUNCTIONS BLOCK DIAGRAM
*: TC measurement point is just under the chip.
VFO
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC
FO-VNC
Sink current at UFO, VFO, WFO, FO terminals
20
20
VD
VCIN
V
V


Similar Part No. - PM100CL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CL1A120 POWEREX-PM100CL1A120 Datasheet
669Kb / 6P
   Intellimod L-Series Three Phase IGBT Inverter 100 Amperes/1200 Volts
More results

Similar Description - PM100CL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com