Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CS1D060 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PM100CS1D060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CS1D060 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  PM100CS1D060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100CS1D060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100CS1D060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
8
0
020
40
50
60
100 120 140
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100 120
40
60
80
100 120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
trr
Irr
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
N-side
P-side
VD = 15V
Tj = 25
°C
Tj = 125
°C
020
140
Eon
Eoff
0
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
0
5
10
15
20
25
30
35
COLLECTOR CURRENT IC (A)
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)
SWITCHING RECOVERY LOSS CHARACTERISTICS
(TYPICAL)
DIODE REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR RECOVERY CURRENT –IC (A)
fc (kHz)
ID VS. fc CHARACTERISTICS
(TYPICAL)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VD = 15V
–50
0
50
100
150
–50
0
50
100
150
COLLECTOR RECOVERY CURRENT –IC (A)
Tj (
°C)
UV TRIP LEVEL VS. Tj CHARACTERISTICS
(TYPICAL)
SC TRIP LEVEL VS. Tj CHARACTERISTICS
(TYPICAL)
Tj (
°C)
UVt
UVr


Similar Part No. - PM100CS1D060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CS1D120 MITSUBISHI-PM100CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CS1D060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com