Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L71T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6L71T
Description  2 MHz, 150 關A Op Amps
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6L71T Datasheet HTML 7Page - Microchip Technology MCP6L71T Datasheet HTML 8Page - Microchip Technology MCP6L71T Datasheet HTML 9Page - Microchip Technology MCP6L71T Datasheet HTML 10Page - Microchip Technology MCP6L71T Datasheet HTML 11Page - Microchip Technology MCP6L71T Datasheet HTML 12Page - Microchip Technology MCP6L71T Datasheet HTML 13Page - Microchip Technology MCP6L71T Datasheet HTML 14Page - Microchip Technology MCP6L71T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22145A-page 11
MCP6L71/1R/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The output pins are low impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high
impedance CMOS inputs with low bias currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.0V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6L71
MCP6L71R
Symbol
Description
MSOP, SOIC
SOT-23-5
SOT-23-5
244
VIN
Inverting Input
333
VIN+
Non-inverting Input
425
VSS
Negative Power Supply
611
VOUT
Analog Output
752
VDD
Positive Power Supply
1,5,8
NC
No Internal Connection
MCP6L72
MCP6L74
Symbol
Description
MSOP, SOIC
SOIC, TSSOP
11
VOUTA
Analog Output (op amp A)
22
VINA
Inverting Input (op amp A)
33
VINA+
Non-inverting Input (op amp A)
84
VDD
Positive Power Supply
55
VINB+
Non-inverting Input (op amp B)
66
VINB
Inverting Input (op amp B)
77
VOUTB
Analog Output (op amp B)
—8
VOUTC
Analog Output (op amp C)
—9
VINC
Inverting Input (op amp C)
—10
VINC+
Non-inverting Input (op amp C)
411
VSS
Negative Power Supply
—12
VIND+
Non-inverting Input (op amp D)
—13
VIND
Inverting Input (op amp D)
—14
VOUTD
Analog Output (op amp D)


Similar Part No. - MCP6L71T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71T-E/MS MICROCHIP-MCP6L71T-E/MS Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L71T-E/OT MICROCHIP-MCP6L71T-E/OT Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L71T-E/SL MICROCHIP-MCP6L71T-E/SL Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L71T-E/SN MICROCHIP-MCP6L71T-E/SN Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L71T-E/ST MICROCHIP-MCP6L71T-E/ST Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
More results

Similar Description - MCP6L71T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
   620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V26 MICROCHIP-MCP6V26 Datasheet
2Mb / 50P
   620 關A, 2 MHz Auto-Zeroed Op Amps
08/02/11
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
   2.8 MHz, 200 關A Op Amps
2009
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
   1 MHz, 45 A Op Amps
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com