Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6231 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6231
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6231 Datasheet HTML 4Page - Microchip Technology MCP6231 Datasheet HTML 5Page - Microchip Technology MCP6231 Datasheet HTML 6Page - Microchip Technology MCP6231 Datasheet HTML 7Page - Microchip Technology MCP6231 Datasheet HTML 8Page - Microchip Technology MCP6231 Datasheet HTML 9Page - Microchip Technology MCP6231 Datasheet HTML 10Page - Microchip Technology MCP6231 Datasheet HTML 11Page - Microchip Technology MCP6231 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP6231/1R/1U/2/4
DS21881E-page 8
© 2009 Microchip Technology Inc.
FIGURE 2-19:
Measured Input Current vs.
Input Voltage (below VSS).
FIGURE 2-20:
The MCP6231/1R/1U/2/4
Show No Phase Reversal.
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
100n
10n
1n
100p
10p
1p
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (1 ms/div)
VOUT
VIN
VDD = 5.0V
G = +2 V/V


Similar Part No. - MCP6231

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6231 MICROCHIP-MCP6231 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6231-E/LT MICROCHIP-MCP6231-E/LT Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6231-E/MS MICROCHIP-MCP6231-E/MS Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6231-E/OT MICROCHIP-MCP6231-E/OT Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
More results

Similar Description - MCP6231

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
   50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com