Electronic Components Datasheet Search |
|
PS21963-T Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
PS21963-T Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor |
5 / 10 page MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module> PS21963-T/-AT/-CT/-TW TRANSFER-MOLD TYPE INSULATED TYPE Mar. 2009 5 2.20 2.30 2.20 1.70 — 0.60 2.10 0.80 1 10 3.7 4.5 mA V Tj = 25 °C Tj = 125 °C IC = 10A, Tj = 25 °C IC = 10A, Tj = 125 °C VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Condition Symbol Parameter Limits Inverter IGBT part (per 1/6 module) Inverter FWD part (per 1/6 module) Rth(j-c)Q Rth(j-c)F Min. THERMAL RESISTANCE Typ. Max. — — — — Unit Tj = 25 °C, –IC = 10A, VIN = 0V Condition Symbol Parameter Limits Min. Typ. Max. — — — 0.60 — — — — — — Unit ELECTRICAL CHARACTERISTICS (Tj = 25 °C, unless otherwise noted) INVERTER PART Collector-emitter saturation voltage FWD forward voltage Junction to case thermal resistance (Note 3) VD = VDB = 15V VIN = 5V Switching times VCC = 300V, VD = VDB = 15V IC = 10A, Tj = 125 °C, VIN = 0 ↔ 5V Inductive load (upper-lower arm) Collector-emitter cut-off current VCE = VCES 1.70 1.80 1.70 1.10 0.30 0.40 1.50 0.50 — — V µs µs µs µs µs °C/W °C/W Note 3 : Grease with good thermal conductivity should be applied evenly with about +100 µm~+200µm on the contacting surface of DIPIPM and heat-sink. The contacting thermal resistance between DIPIPM case and heat sink (Rth(c-f)) is determined by the thickness and the thermal con- ductivity of the applied grease. For reference, Rth(c-f) (per 1/6 module) is about 0.3 °C/W when the grease thickness is 20µm and the thermal conductivity is 1.0W/m·k. IGBT chip position Power terminals FWD chip position Control terminals TC point Heat sink side 11.6mm 3mm 400 –20~+100 –40~+125 1500 VD = 13.5~16.5V, Inverter part Tj = 125 °C, non-repetitive, less than 2µs (Note 2) 60Hz, Sinusoidal, 1 minute, Between pins and heat-sink plate VCC(PROT) TC Tstg Viso Symbol Ratings Unit Self protection supply voltage limit (short circuit protection capability) Module case operation temperature Storage temperature Isolation voltage V °C °C Vrms TOTAL SYSTEM Parameter Condition Note 2: TC measurement point |
Similar Part No. - PS21963-T |
|
Similar Description - PS21963-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |