Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-12.0M-5EN-TP210 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 561-12.0M-5EN-TP210
Description  HCMOS / TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

561-12.0M-5EN-TP210 Datasheet(HTML) 1 Page - Oscilent Corporation

  561-12.0M-5EN-TP210 Datasheet HTML 1Page - Oscilent Corporation 561-12.0M-5EN-TP210 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCXO Surface Mount
Series Number
Package
Description
Last Modified
561
5 x 7 Ceramic 6 Pad
HCMOS / TTL
Jan. 01 2007
FEATURES
- 2.0mm low profile
- Wave form symmetry of 40/60%
- SMD Version 6 Pad
- 3.3V operation (optional)
- Tape and Reel
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.5440 ~ 52.0
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
a + b + c + d
±20, ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 25 max.
15 ~ 35 max.
mA
Aging
@ 25°C
±3 max.
PPM/Y
Rise Time (TR) / Fall Time (TF)
-
10 max. (0.4V to 2.4V / TTL; Waveform / HCMOS)
nS
Pin 1 Control Voltage Range
-
1.65 ±1.35
2.5 ±2
V
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
ms
Jitter
(One Sigma)
±25 max.
ps
Linearity
-
±20 (Std.) / ±10 (Option)
%
Page 1 of 2
Oscilent Corporation | 561 Series VCXO - Voltage Control Crystal Oscillator


Similar Part No. - 561-12.0M-5EN-TP210

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
561-12.0M-5EN-TP210A OSCILENT-561-12.0M-5EN-TP210A Datasheet
134Kb / 2P
   HCMOS / TTL
561-12.0M-5EN-TP210B OSCILENT-561-12.0M-5EN-TP210B Datasheet
134Kb / 2P
   HCMOS / TTL
More results

Similar Description - 561-12.0M-5EN-TP210

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
551-12.0M-3DN-TP1 OSCILENT-551-12.0M-3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
logo
List of Unclassifed Man...
IQVCXO-161 ETC2-IQVCXO-161 Datasheet
50Kb / 2P
   HCMOS/TTL
logo
Oscilent Corporation
566-12.0M-3DN-TP1 OSCILENT-566-12.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL
logo
Crystek Corporation
C32XX CRYSTEKCRYSTAL-C32XX_15 Datasheet
71Kb / 2P
   HCMOS/TTL
logo
Oscilent Corporation
560-12.0M-3DN-TP120 OSCILENT-560-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
551 OSCILENT-551 Datasheet
132Kb / 2P
   HCMOS / TTL
566 OSCILENT-566 Datasheet
134Kb / 2P
   HCMOS / TTL
554-12.0M-3DN-TP120 OSCILENT-554-12.0M-3DN-TP120 Datasheet
134Kb / 2P
   HCMOS / TTL
554 OSCILENT-554 Datasheet
134Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com