Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

563-120.0M-3GN-TP110 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 563-120.0M-3GN-TP110
Description  PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

563-120.0M-3GN-TP110 Datasheet(HTML) 1 Page - Oscilent Corporation

  563-120.0M-3GN-TP110 Datasheet HTML 1Page - Oscilent Corporation 563-120.0M-3GN-TP110 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCXO Surface Mount
Series Number
Package
Description
Last Modified
563
6 Pad PCB SMD
PECL Output
Jan. 01 2007
FEATURES
- Wide voltage control range
- Wave form symmetry of 40/60%
- PECL output
- Industry standard PCB SMD Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
Positive ECL Square Wave (PECL)
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
19.440 ~ 180.0 (Inverted Mesa UM-1)
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±20, ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
80 max.
120 max.
mA
Aging
@ 25°C
±1 max.
PPM/Y
Rise Time (TR)
20% to 80% of Waveform
2 max.
nS
Fall Time (TF)
20% to 80% of Waveform
2 max.
nS
External Control Voltage (Vc)
-
0.3 ~ 3.0
0.5 ~ 4.5
VDC
Output Voltage High "1" VOH
PECL
VDD - 1.025 min.
VDC
Output Voltage Low "0" VOL
PECL
VDD - 1.620 max.
VDC
Load
-
50
Ohms
Duty Cycle
50% of Waveform
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
mS
Jitter
RMS
3.5 max.
ps
Linearity
-
±20 (Std.) / Custom Spec. Avail.
%
Absolute Pull Range (APR)
-
±30 (Std.), ±50, ±75, ±100 min.
PPM
Page 1 of 2
Oscilent Corporation | 563 Series VCXO - Voltage Control Crystal Oscillator


Similar Part No. - 563-120.0M-3GN-TP110

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
563-120.0M-3DN-TP110 OSCILENT-563-120.0M-3DN-TP110 Datasheet
135Kb / 2P
   PECL Output
563-120.0M-3DN-TP120 OSCILENT-563-120.0M-3DN-TP120 Datasheet
135Kb / 2P
   PECL Output
563-120.0M-3DN-TP210 OSCILENT-563-120.0M-3DN-TP210 Datasheet
135Kb / 2P
   PECL Output
563-120.0M-3DN-TP220 OSCILENT-563-120.0M-3DN-TP220 Datasheet
135Kb / 2P
   PECL Output
563-120.0M-3DN-TP310 OSCILENT-563-120.0M-3DN-TP310 Datasheet
135Kb / 2P
   PECL Output
More results

Similar Description - 563-120.0M-3GN-TP110

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
392 OSCILENT-392 Datasheet
132Kb / 2P
   PECL Output
489 OSCILENT-489 Datasheet
145Kb / 2P
   PECL Output
493 OSCILENT-493 Datasheet
142Kb / 2P
   PECL Output
562 OSCILENT-562 Datasheet
134Kb / 2P
   PECL Output
563 OSCILENT-563 Datasheet
135Kb / 2P
   PECL Output
564-120.0M-3N-TP120 OSCILENT-564-120.0M-3N-TP120 Datasheet
135Kb / 2P
   PECL Output
552-120.0M-3N-TP120 OSCILENT-552-120.0M-3N-TP120 Datasheet
133Kb / 2P
   PECL Output
553-120.0M-3N-TP120 OSCILENT-553-120.0M-3N-TP120 Datasheet
132Kb / 2P
   PECL Output
390 OSCILENT-390 Datasheet
132Kb / 2P
   PECL Output
564 OSCILENT-564 Datasheet
135Kb / 2P
   PECL Output
490 OSCILENT-490 Datasheet
142Kb / 2P
   PECL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com