Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10D-01DB0.3BLF Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # AT10D-01DB0.3BLF
Description  SMD Chip Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

AT10D-01DB0.3BLF Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  AT10D-01DB0.3BLF Datasheet HTML 1Page - American Accurate Components, Inc. AT10D-01DB0.3BLF Datasheet HTML 2Page - American Accurate Components, Inc. AT10D-01DB0.3BLF Datasheet HTML 3Page - American Accurate Components, Inc. AT10D-01DB0.3BLF Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Chip Attenuator
The content of this specification may change without notification 08/28/2008
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 9494538889
American Accurate Components, Inc.
4
TAPE SIZE (mm) – Table 1
Size
A
B
W
F
E
P1
t
0402
0.65
± 0.03
1.15
± 0.03
8.0
± 0.20
3.5
± 0.05
1.75
± 0.10
2.0
± 0.05
0.5
± 0.10
0805
1.60
± 0.20
2.40
± 0.20
8.0
± 0.30
3.5
± 0.05
1.75
± 0.10
4.0
± 0.10
1.5 Max
1206
1.85
± 0.10
3.60
± 0.10
8.0
± 0.20
3.5
± 0.05
1.75
± 0.10
4.0
± 0.10
1.0
± 0.10
1612
4.60
± 0.10
12.0
± 0.10
5.5
± 0.10
1.75
± 0.10
8.0
± 0.10
0.8
± 0.10
TABLE 1
TAPE MATERIALS
A heat press sticks the transparent or half-transparent plastic
covered tape.
INSERTING DIRECTION
Attenuators are packed with their cathodes on perforation side
and with their electrodes faced with the bottoms of the pockets.
ADHESION STRENGTH OF COVER AT PEELING
When the cover tape is peeled off in such a manner as indicated
in the illustration below, adhesion strength F must be within the
range of 0.2994
± 0.196N.
REEL DRAWING
REEL DIMENSIONS (mm)
Tape Width
A
±2
B
±5
C
±1
D
±0.5
E
±1
W
+2
8.0
± 0.2
∅178
∅60
∅13.5
∅21
2.5
8.4
12.0
± 0.1
∅178
∅60
∅13.5
∅21
2.5
14.0
A tape reel diameter of 330mm is also applicable.
PACKAGE QUANTITY
Standard Package Unit (pcs)
Case Size
Type
Quantity
0402
Plastic Tape
10,000
0805
Plastic Tape
5,000
1206
Plastic Tape
5,000
1612
Plastic Tape
2,000
PACKAGE DESCRIPTION
The standard number of attenuators to be accommodated by
one reel is as indicated in Table 1. One side surface of a reel is
marked with the following items of information.
1.
Name of Attenuator or product identification
2.
Rated voltage
3.
Attenuation value
4.
Attenuation tolerance value
5.
Quantity
6.
Lot number for production month/year
7.
Manufacturer’s name or symbol
PACKING & STORAGE
The attenuators are packed in such a manner that they will not
possibly be damaged during transit or storage. As far as they
are stored at normal temperature with normal humidity (5 to
35
°C, below75% RH), they are warranted for a period of two
years from the date of manufacture.


Similar Part No. - AT10D-01DB0.3BLF

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10 TOCOS-AT10 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
logo
Knowles Electronics
AT10 KNOWLES-AT10 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT10D-01DB0.3BLF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB-24AT2AR3X PANASONIC-EXB-24AT2AR3X Datasheet
78Kb / 2P
   Chip Attenuator
logo
API Technologies Corp
PCAA APITECH-PCAA Datasheet
878Kb / 1P
   Attenuator Chip
PCA APITECH-PCA Datasheet
808Kb / 1P
   Attenuator Chip
KPA10 APITECH-KPA10 Datasheet
232Kb / 2P
   Attenuator Chip
PCAAF APITECH-PCAAF Datasheet
784Kb / 1P
   Attenuator Chip
logo
Vishay Barry
ABC2010CT-0050JN-98 BARRY-ABC2010CT-0050JN-98 Datasheet
172Kb / 1P
   BeO CHIP ATTENUATOR
Revision Date 07/17/08
AV0904GA-XXXXJN-90 BARRY-AV0904GA-XXXXJN-90 Datasheet
131Kb / 1P
   ALUMINA CHIP ATTENUATOR
Revision Date 09/23/08
logo
List of Unclassifed Man...
WT04X ETC2-WT04X Datasheet
2Mb / 3P
   WA04P Chip Attenuator
logo
Vishay Barry
ATC2010CT-0300JN-93 BARRY-ATC2010CT-0300JN-93 Datasheet
127Kb / 1P
   3 dB CHIP ATTENUATOR
Rev. C
AVC3725CT-3000GN-99-02 BARRY-AVC3725CT-3000GN-99-02 Datasheet
191Kb / 1P
   BeO 30dB CHIP ATTENUATOR
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com