Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA2040N3515 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CA2040N3515
Description  Broadband Small Signal Amplifier 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CA2040N3515 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CA2040N3515 Datasheet HTML 1Page - American Accurate Components, Inc. CA2040N3515 Datasheet HTML 2Page - American Accurate Components, Inc. CA2040N3515 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Broadband Small Signal Amplifier 0.5 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Small Signal Amplifiers
0. 5
to
18GHz
Continued
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V(mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
CA4080N1609
4 - 8
14
19
4.5
9
± 1.3
20
2:1
150
2I,2MH
CA4080N2109
4 - 8
18
24
4.0
9
± 1.3
20
2:1
150
4I,3MH
CA4080N2810
4 - 8
25
31
4.0
10
± 1.3
20
2:1
250
4I,4MH
CA4080N3510
4 - 8
32
39
4.5
10
± 1.5
25
2:1
300
6I,6MH
CA4080N4210
4 - 8
38
46
4.5
10
± 1.8
25
2:1
350
6I,6MH
CA4080N1613
4 - 8
14
19
4.5
13
± 1.3
20
2:1
150
2I,2MH
CA4080N2113
4 - 8
18
24
4.0
13
± 1.3
20
2:1
150
4I,3MH
CA4080N2815
4 - 8
25
31
4.0
15
± 1.3
20
2:1
250
4I,4MH
CA4080N3515
4 - 8
32
39
4.0
15
± 1.5
25
2:1
300
6I,6MH
CA4080N4215
4 - 8
38
46
4.5
15
± 1.8
25
2:1
350
6I,6MH
CA6018N1409
6 - 18
11
17
5.0
9
± 1.8
20
2:1
180
2I,2MH
CA6018N2109
6 - 18
18
24
4.5
9
± 1.5
20
2:1
180
4I,3MH
CA6018N2810
6 - 18
25
32
4.0
10
± 1.5
20
2:1
280
4I,4MH
CA6018N3510
6 - 18
31
39
4.5
10
± 1.8
25
2:1
350
6I,6MH
CA6018N4210
6 - 18
38
46
4.5
10
± 2.0
25
2:1
380
8I,46
CA6018N4910
6 - 18
45
53
5.0
10
± 2.2
25
2:1
450
8I,46
CA6018N1613
6 - 18
14
19
5.0
13
± 1.8
20
2:1
180
2I,2MH
CA6018N2113
6 - 18
18
24
4.5
13
± 1.5
20
2:1
180
4I,3MH
CA6018N2815
6 - 18
25
32
4.0
15
± 1.5
20
2:1
280
4I,4MH
CA6018N3515
6 - 18
31
39
4.5
15
± 2.0
25
2:1
350
6I,6MH
CA6018N4215
6 - 18
38
46
4.5
15
± 2.0
25
2:1
380
8I,46
CA6018N4915
6 - 18
45
53
5.0
10
± 2.2
25
2:1
450
8I,46
CA8012N1609
8 - 12
14
19
4.5
9
± 1.4
20
2:1
150
2I,2MH
CA8012N2109
8 - 12
18
24
4.0
9
± 1.4
20
2:1
150
4I,3MH
CA8012N2810
8 - 12
25
31
4.0
10
± 1.4
20
2:1
250
4I,4MH
CA8012N3510
8 - 12
32
38
4.5
10
± 1.4
20
2:1
300
6I,6MH
CA8012N4210
8 - 12
39
46
4.5
10
± 1.8
25
2:1
350
8I,46
CA8012N4910
8 - 12
45
53
5.0
10
± 1.8
25
2:1
400
8I,46
CA8012N1413
8 - 12
11
17
5.0
13
± 1.4
20
2:1
150
2I,2MH
CA8012N2113
8 - 12
18
24
4.0
13
± 1.2
20
2:1
150
4I,3MH
CA8012N2815
8 - 12
25
31
4.0
15
± 1.4
20
2:1
250
4I,4MH
CA8012N3515
8 - 12
32
38
4.5
15
± 1.4
20
2:1
300
6I,6MH
CA8012N4215
8 - 12
39
46
4.5
15
± 1.4
25
2:1
350
8I,46
CA8012N4915
8 - 12
45
53
5.0
15
± 2.0
25
2:1
400
8I,46
CA8018N1409
8 - 18
11
17
5.0
9
± 1.4
20
2:1
180
2I,2MH
CA8018N2109
8 - 18
18
24
4.0
9
± 1.4
20
2:1
180
4I,3MH
CA8018N2810
8 - 18
25
32
4.0
10
± 1.5
20
2:1
280
4I,4MH
CA8018N3510
8 - 18
32
39
4.5
10
± 1.8
20
2:1
350
6I,6MH
CA8018N4210
8 - 18
39
46
4.5
10
± 2.0
25
2:1
380
8I,46
CA8018N4910
8 - 18
45
53
5.0
10
± 2.0
25
2:1
450
8I,46
CA8018N1413
8 - 18
11
17
5.0
13
± 1.8
20
2:1
180
2I,2MH
CA8018N2113
8 - 18
18
24
4.0
13
± 1.4
20
2:1
180
4I,3MH
CA8018N2815
8 - 18
25
32
4.0
15
± 1.5
20
2:1
280
4I,4MH
CA8018N3515
8 - 18
32
39
4.5
15
± 1.8
20
2:1
350
6I,6MH


Similar Part No. - CA2040N3515

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CA2040N3720 AAC-CA2040N3720 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
CA2040N3723 AAC-CA2040N3723 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
More results

Similar Description - CA2040N3515

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com