Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA60H4452M1 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RA60H4452M1
Description  RF MOSFET MODULE 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H4452M1 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  RA60H4452M1_08 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA60H4452M1_08 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RA60H4452M1
MITSUBISHI ELECTRIC
3
rd Mar2008
9/9
SALES CONTACT
JAPAN:
Mitsubishi Electric Corporation
Semiconductor Sales Promotion Department
2-2-3 Marunouchi, Chiyoda-ku
Tokyo, Japan 100
Email:
sod.sophp@hq.melco.co.jp
Phone:
+81-3-3218-4854
Fax:
+81-3-3218-4861
GERMANY:
Mitsubishi Electric Europe B.V.
Semiconductor
Gothaer Strasse 8
D-40880 Ratingen, Germany
Email:
semis.info@meg.mee.com
Phone:
+49-2102-486-0
Fax:
+49-2102-486-4140
HONG KONG:
Mitsubishi Electric Hong Kong Ltd.
Semiconductor Division
41/F. Manulife Tower, 169 Electric Road
North Point, Hong Kong
Email:
scdinfo@mehk.com
Phone:
+852 2510-0555
Fax:
+852 2510-9822
FRANCE:
Mitsubishi Electric Europe B.V.
Semiconductor
25 Boulevard des Bouvets
F-92741 Nanterre Cedex, France
Email:
semis.info@meg.mee.com
Phone:
+33-1-55685-668
Fax:
+33-1-55685-739
SINGAPORE:
Mitsubishi Electric Asia PTE Ltd
Semiconductor Division
307 Alexandra Road
#3-01/02 Mitsubishi Electric Building,
Singapore 159943
Email:
semicon@asia.meap.com
Phone:
+65 64 732 308
Fax:
+65 64 738 984
ITALY:
Mitsubishi Electric Europe B.V.
Semiconductor
Centro Direzionale Colleoni,
Palazzo Perseo 2, Via Paracelso
I-20041 Agrate Brianza, Milano, Italy
Email:
semis.info@meg.mee.com
Phone:
+39-039-6053-10
Fax:
+39-039-6053-212
TAIWAN:
Mitsubishi Electric Taiwan Company, Ltd.,
Semiconductor Department
9F, No. 88, Sec. 6
Chung Shan N. Road
Taipei, Taiwan, R.O.C.
Email:
metwnssi@metwn.meap.com
Phone:
+886-2-2836-5288
Fax:
+886-2-2833-9793
U.K.:
Mitsubishi Electric Europe B.V.
Semiconductor
Travellers Lane, Hatfield
Hertfordshire, AL10 8XB, England
Email:
semis.info@meuk.mee.com
Phone:
+44-1707-278-900
Fax:
+44-1707-278-837
U.S.A.:
Mitsubishi Electric & Electronics USA, Inc.
Electronic Device Group
1050 East Arques Avenue
Sunnyvale, CA 94085
Email:
customerservice@edg.mea.com
Phone:
408-730-5900
Fax:
408-737-1129
CANADA:
Mitsubishi Electric Sales Canada, Inc.
4299 14th Avenue
Markham, Ontario, Canada L3R OJ2
Phone:
905-475-7728
Fax:
905-475-1918
AUSTRALIA:
Mitsubishi Electric Australia,
Semiconductor Division
348 Victoria Road
Rydalmere, NSW 2116
Sydney, Australia
Email: semis@meaust.meap.com
Phone:
+61 2 9684-7210
+61 2 9684 7212
+61 2 9684 7214
+61 3 9262 9898
Fax:
+61 2 9684-7208
+61 2 9684 7245


Similar Part No. - RA60H4452M1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H4452M1-101 MITSUBISHI-RA60H4452M1-101 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1-101 MITSUBISHI-RA60H4452M1-101 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA60H4452M1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
182Kb / 8P
   RF MOSFET MODULE 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_10 Datasheet
93Kb / 9P
   440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_08 Datasheet
158Kb / 9P
   RF MOSFET MODULE 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A_08 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com