Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD15HVF1 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RD15HVF1
Description  RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD15HVF1 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  RD15HVF1_08 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD15HVF1_08 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD15HVF1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1
MITSUBISHI ELECTRIC
7 Mar 2008
OBSERVE HANDLING PRECAUTIONS
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more
reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to
personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit
designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable
material or (iii) prevention against any malfunction or mishap.
Keep safety first in your circuit designs!
Do not use the device at the exceeded the maximum rating condition. In case of plastic molded devices, the
exceeded maximum rating condition may cause blowout, smoldering or catch fire of the molding resin due to extreme
short current flow between the drain and the source of the device. These results causes in fire or injury.
warning !
9/9


Similar Part No. - RD15HVF1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_11 Datasheet
531Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
logo
Quanzhou Jinmei Electro...
RD15HVF1 JMNIC-RD15HVF1_15 Datasheet
411Kb / 9P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD15HVF1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_11 Datasheet
531Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
logo
Tyco Electronics
UF28100V MACOM-UF28100V Datasheet
208Kb / 3P
   RF MOSFET Power Transistor, 15W, 28V 100-500MHz
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com