Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD16HHF1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD16HHF1
Description  RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD16HHF1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD16HHF1_08 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD16HHF1_08 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MOS FET
RD16HHF1
RoHS Compliance,
Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1
MITSUBISHI ELECTRIC
7 Mar 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
Pin(W)
0
20
40
60
80
100
Po
ηd
Idd
Ta=+25°C
f=30MHz
Vdd=12.5V
Idq=0.5A
Pin-Po CHARACTERISTICS
0
10
20
30
40
50
-10
0
10
20
30
Pin(dBm)
0
20
40
60
80
100
Ta=+25°C
f=30MHz
Vdd=12.5V
Idq=0.5A
Po
ηd
Idd
Gp
Vdd-Po CHARACTERISTICS
0
5
10
15
20
25
30
4
6
8
10
12
14
Vdd(V)
0
1
2
3
4
5
6
Po
Idd
Ta=25°C
f=30MHz
Pin=0.4W
Idq=0.5A
Zg=ZI=50 ohm
Vgs-Ids CHARACTERISTICS 2
0
2
4
6
8
24
6
8
10
Vgs(V)
Vds=10V
Tc=-25~+75°C
-25°C
+75°C
+25°C
4/8


Similar Part No. - RD16HHF1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
logo
Quanzhou Jinmei Electro...
RD16HHF1 JMNIC-RD16HHF1_15 Datasheet
274Kb / 8P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD16HHF1_08

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1 Datasheet
282Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
   Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Mitsubishi Electric Sem...
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com