Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXWBGF-T-4-800-1300 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-T-4-800-1300
Description  4-Way Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-T-4-800-1300 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-T-4-800-1300 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
4-Way Power Divider
P/N: JXWBGF-T-4-800-1300
Frequency Range(GHz)
0.8-1.3
Insertion Loss(dB)
0.4 max
Isolation(dB)
20 min
VSWR
1.25 max
Phase Balance(°)
3
Amplitude Balance(dB)
0.3
Power Handling(W)
10 CW
Impedance(Ohms)
50
Phase Match(°)
1 at every 50 MHz
3 at all the BW
Amplitude Match(dB)
0.1 every 50 MHz
0.3 at all the BW
Connector
SMA-Female
Net Weight(Kg)
0.11 Around
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBGF-T-4-800-1300

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-4-800-2000-2 AAC-JXWBGF-T-4-800-2000-2 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBGF-T-4-800-2500 AAC-JXWBGF-T-4-800-2500 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBGF-T-4-800-6000 AAC-JXWBGF-T-4-800-6000 Datasheet
62Kb / 1P
   Ultra Broadband Power Divider (SMA Connectors)
More results

Similar Description - JXWBGF-T-4-800-1300

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPDC-4-S-698-2700MHZ ABRACON-ABPDC-4-S-698-2700MHZ Datasheet
5Mb / 4P
   4 Way Power Divider
12.04.15
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
   4-WAY POWER DIVIDER
M4D1626 SYNERGY-M4D1626 Datasheet
408Kb / 3P
   4-WAY POWER DIVIDER
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
   4-WAY POWER DIVIDER
M4D3040 SYNERGY-M4D3040 Datasheet
397Kb / 3P
   4-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700_15 Datasheet
60Kb / 2P
   4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SPD-69-270 SYNERGY-SPD-69-270 Datasheet
363Kb / 3P
   4-Way Power divider
logo
American Accurate Compo...
JXWBGF-T-4-450-890 AAC-JXWBGF-T-4-450-890 Datasheet
60Kb / 1P
   4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SPD-5-2000 SYNERGY-SPD-5-2000 Datasheet
395Kb / 3P
   4-WAY POWER DIVIDER
logo
American Accurate Compo...
JXWBGF-T-4-9.0-9.6 AAC-JXWBGF-T-4-9.0-9.6 Datasheet
44Kb / 1P
   4-Way Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com