Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXWBGF-T-2-1000-2000-2 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-T-2-1000-2000-2
Description  General Power Divider (SMA Connectors)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-T-2-1000-2000-2 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-T-2-1000-2000-2 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Power Divider
Coaxial
General Power Divider (SMA Connectors)
Frequenc y
N-Way
I nsertion
Isolat ion
Amplit ude
P hase
P ower
P ow er
Input
Output
S
ize
Range
Loss
Balanc e
Balanc e
Forward
Reverse
VS WR
VS WR
L x W x H
P/ N
(G Hz)
(dB)
(dB)
(
±dB)
(
±°)
(W)
(W)
(m
m )
m
ax
min
max
max
JXWB GF-T-2-1000-2000-2
1-2
2
0.3
5
20
0.2
2
10
2
1.2
1.15
28x28 x10
JXWB GF-T-4-1000-2000-2
1-2
4
0.
6
20
0.3
3
10
2
1.25
1. 2
43x56 x10
JXWB GF-T-8-1000-2000-2
1-2
8
1.
0
20
0.4
5
10
2
1.3
1. 2
63x108x10
JXWBG F-T-2-2000-4000
2-4
2
0.3
5
20
0.2
2
10
2
1.25
1. 2
28x28 x10
JXWBG F-T-3-2000-4000
2-4
3
0.
6
18
0.3
-
10
2
1.3
1. 3
52x41 x10
JXWBG F-T-4-2000-4000
2-4
4
0.
6
20
0.3
3
10
2
1.3
1. 2
43x56 x10
JXWBG F-T-8-2000-4000
2-4
8
0.
8
20
0.4
5
10
2
1.3
1. 2
63x108x10
JXWBG F-T-2-3100-3400
3. 1-3.4
2
0.
3
25
0.2
1.5
10
2
1.2
1. 2
28x28 x10
JXWBG F-T-2-4000-8000
4-8
2
0.
6
20
0.3
3
10
2
1.25
1. 2
28x28 x10
JXWBG F-T-4-4000-8000
4-8
4
1.
0
18
0.3
3
10
2
1.3
1.25
43x56 x10
JXWBG F-T-8-4000-8000
4-8
8
1.
2
18
0.4
4
10
2
1.5
1.25
63x108x10
J XWB G F-T-2-6000-18000
6-18
2
0.
7
18
0.4
5
10
2
1.5
1. 5
30x24 x10
J XWB G F-T-4-6000-18000
6-18
4
1.
3
16
0.5
8
10
2
1.6
1. 5
45x50.5x10
J XWB G F-T-8-6000-18000
6-18
8
2.
2
18
0.8
10
10
2
1.8
1. 5
57.5x101.5x10
J XWB G F-T-3-8000-18000
8-18
3
1.
2
18
0.8
-
10
2
1.6
1. 5
32x39 x10
J XWB G F-T-6-8000-18000
8-18
6
2.
2
18
0.8
-
10
2
1.8
1. 6
50x75.5x10
JXWB GF-T-12-8000-18000
8-18
12
2.
2
15
0.8
10
10
2
1.8
1. 5
76x154x10
Notes:
1. Operating Temperature: -55 ºC to +85 ºC, Storage Temperature: -55 ºC to +95 ºC.
2. Applications: Indoor, 0-95%RH.
3. Forward power is tested with the output VSWR 1.5:1 of the loads. The power handling will be cut down when
the output port connect with a high VSWR. Ensure the output VSWR<1.5, avoiding output port open or short.
4. The power handling capability is 10 watts when used as divider with the load VSWR<1.2, the power handling
down to 2 watts when used as combiner.
5. Ensure connectors to be in flat connection with outer connectors; suggest using a torque wrench.
6. Custom Designs Available


Similar Part No. - JXWBGF-T-2-1000-2000-2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-2-1000-12000 AAC-JXWBGF-T-2-1000-12000 Datasheet
62Kb / 1P
   Ultra Broadband Power Divider (SMA Connectors)
JXWBGF-T-2-1000-4000 AAC-JXWBGF-T-2-1000-4000 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBGF-T-2-1000-8000 AAC-JXWBGF-T-2-1000-8000 Datasheet
62Kb / 1P
   Ultra Broadband Power Divider (SMA Connectors)
More results

Similar Description - JXWBGF-T-2-1000-2000-2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-2-500-2000-2 AAC-JXWBGF-T-2-500-2000-2 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBGF-T-2-800-6000 AAC-JXWBGF-T-2-800-6000 Datasheet
62Kb / 1P
   Ultra Broadband Power Divider (SMA Connectors)
logo
Pasternack Enterprises,...
PE20DV1067 PASTERNACK-PE20DV1067 Datasheet
685Kb / 5P
   4 Way SMA Power Divider
PE20DV1063 PASTERNACK-PE20DV1063 Datasheet
673Kb / 5P
   2 Way SMA Power Divider
logo
Advanced Technical Mate...
P21X ATM-P21X Datasheet
66Kb / 1P
   2-WAY POWER DIVIDER SMA TYPE
logo
Pasternack Enterprises,...
PE2086 PASTERNACK-PE2086 Datasheet
243Kb / 2P
   50 Ohm 8 Way SMA Wilkinson Power Divider
PE2089 PASTERNACK-PE2089 Datasheet
259Kb / 3P
   50 Ohm 4 Way SMA Wilkinson Power Divider
PE2076 PASTERNACK-PE2076 Datasheet
131Kb / 1P
   SMA FEMALE Power Divider 8-Way 800-2500MHz
PE2074 PASTERNACK-PE2074 Datasheet
123Kb / 1P
   SMA Female Power Divider 2-way 800-2500MHz
PE2075 PASTERNACK-PE2075 Datasheet
127Kb / 1P
   SMA Female Power Divider 4-way 800-2500MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com