Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATP68SL-01DGM Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # ATP68SL-01DGM
Description  RF POWER ATTENUATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

ATP68SL-01DGM Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  ATP68SL-01DGM Datasheet HTML 1Page - American Accurate Components, Inc. ATP68SL-01DGM Datasheet HTML 2Page - American Accurate Components, Inc. ATP68SL-01DGM Datasheet HTML 3Page - American Accurate Components, Inc. ATP68SL-01DGM Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
American Accurate Components, Inc.
RF POWER ATTENUATOR
The content of this specification may change without notification 10/16/07
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
3
PERFORMANCE SPECIFICATION
Item
ATP37, ATP53S,
ATP54D, ATP84
ATP100, ATP120,
ATP150
Test Condition
Characteristic Impedance
50
Ω default
Available in 75
Impedance Tolerance
±2%
Input DC resistance in terminating output with resistors
Attenuation Tolerance
Refer to electrical specifications
Output DC volt in terminating output with resistor when stable 1V
DC volt source connect to input.
TC of Impedance
±50ppm/°C
TC of input DC resistance in terminating output with resistor
TC of Attenuation
±50ppm/°C
TC of output DC volt in terminating output with resistor when stable
1V DC volt source connect to input
Temperature Rating
-55°C ~ +70°C
-55°C ~ 100°C
Soldering Heat
±1%
350°C, 3 seconds dipping
Solder Capability
95% covered
Humidity
±1%
Input DC resistance change under condition of 40°C temp.l and 90-
95% RH, rating powering On-90min., Off-30 min., 1000 hours
Load Life
±1%
Input DC resistance change under condition of 70°C temp. rating
power On-90 min., Off-30 min., 1000 hours
Operating & Storage Temp.
-55°C ~ 155°C
DERATING CURVE
MATERIALS
Back Plate Temperature
Name
Material
Finish
A
Cover
Alumina
B
Beam Lead
Cu Alloy
Au Plating
C
Contact
Epoxy
D
Substrate
AIN
E
Conductor
Cu
Tin Plating
RF CHARACTERISTICS – ATP100, ATP120, ATP150
Frequency
S11
S21
S12
S22
MHz
R
X
R
X
R
X
R
X
1
50.143
-9.765m
60.975
0.0918
60.959
0.0859
50.107
0.0156
3
50.199
-44.203
60.953
0.1523
60.986
0.1367
50.119
0.0586
10
50.186
-101.42m
60.99
0.2754
60.99
0.2441
50.092
0.1777
30
50.141
-277.34m
60.971
0.7324
60.971
0.7168
49.994
0.5155
100
50.049
-917.97m
60.682
2.4414
60.687
2.4355
49.223
0.6194
300
49.297
-2.6406
58.473
6.6932
58.457
6.6621
47.293
-8.162
1000
42.735
-4.640
45.205
8.1602
45.199
8.1582
59.344
4.335
3000
36.666
20.432
60.824
-3.0201
60.803
-3.221
46.342
-23.73
6000
69.941
-59.055
58.973
-8.752
58.969
-8.709
32.661
22.164


Similar Part No. - ATP68SL-01DGM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP602 SANYO-ATP602 Datasheet
287Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP602 ONSEMI-ATP602 Datasheet
355Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP602-TL-H SANYO-ATP602-TL-H Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP602-TL-H ONSEMI-ATP602-TL-H Datasheet
355Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP602 SANYO-ATP602_12 Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP68SL-01DGM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TG9025 SPECTRUM-TG9025 Datasheet
261Kb / 1P
   RF Attenuator
TG9006 SPECTRUM-TG9006 Datasheet
776Kb / 1P
   RF Attenuator
TG9030 SPECTRUM-TG9030 Datasheet
851Kb / 1P
   RF Attenuator
TG9001 SPECTRUM-TG9001 Datasheet
768Kb / 1P
   RF Attenuator
TG9015 SPECTRUM-TG9015 Datasheet
231Kb / 1P
   RF Attenuator
TG9005 SPECTRUM-TG9005 Datasheet
266Kb / 1P
   RF Attenuator
logo
Peregrine Semiconductor
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com