Electronic Components Datasheet Search |
|
ATP100DL-01CGM Datasheet(PDF) 3 Page - American Accurate Components, Inc. |
|
ATP100DL-01CGM Datasheet(HTML) 3 Page - American Accurate Components, Inc. |
3 / 4 page American Accurate Components, Inc. RF POWER ATTENUATOR The content of this specification may change without notification 10/16/07 188 Technology Drive Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 Email: sales@aacix.com 3 PERFORMANCE SPECIFICATION Item ATP37, ATP53S, ATP54D, ATP84 ATP100, ATP120, ATP150 Test Condition Characteristic Impedance 50 Ω default Available in 75 Ω Impedance Tolerance ±2% Input DC resistance in terminating output with resistors Attenuation Tolerance Refer to electrical specifications Output DC volt in terminating output with resistor when stable 1V DC volt source connect to input. TC of Impedance ±50ppm/°C TC of input DC resistance in terminating output with resistor TC of Attenuation ±50ppm/°C TC of output DC volt in terminating output with resistor when stable 1V DC volt source connect to input Temperature Rating -55°C ~ +70°C -55°C ~ 100°C Soldering Heat ±1% 350°C, 3 seconds dipping Solder Capability 95% covered Humidity ±1% Input DC resistance change under condition of 40°C temp.l and 90- 95% RH, rating powering On-90min., Off-30 min., 1000 hours Load Life ±1% Input DC resistance change under condition of 70°C temp. rating power On-90 min., Off-30 min., 1000 hours Operating & Storage Temp. -55°C ~ 155°C DERATING CURVE MATERIALS Back Plate Temperature Name Material Finish A Cover Alumina B Beam Lead Cu Alloy Au Plating C Contact Epoxy D Substrate AIN E Conductor Cu Tin Plating RF CHARACTERISTICS – ATP100, ATP120, ATP150 Frequency S11 S21 S12 S22 MHz R X R X R X R X 1 50.143 -9.765m 60.975 0.0918 60.959 0.0859 50.107 0.0156 3 50.199 -44.203 60.953 0.1523 60.986 0.1367 50.119 0.0586 10 50.186 -101.42m 60.99 0.2754 60.99 0.2441 50.092 0.1777 30 50.141 -277.34m 60.971 0.7324 60.971 0.7168 49.994 0.5155 100 50.049 -917.97m 60.682 2.4414 60.687 2.4355 49.223 0.6194 300 49.297 -2.6406 58.473 6.6932 58.457 6.6621 47.293 -8.162 1000 42.735 -4.640 45.205 8.1602 45.199 8.1582 59.344 4.335 3000 36.666 20.432 60.824 -3.0201 60.803 -3.221 46.342 -23.73 6000 69.941 -59.055 58.973 -8.752 58.969 -8.709 32.661 22.164 |
Similar Part No. - ATP100DL-01CGM |
|
Similar Description - ATP100DL-01CGM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |