Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3909 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3909_09 Datasheet HTML 1Page - Microchip Technology MCP3909_09 Datasheet HTML 2Page - Microchip Technology MCP3909_09 Datasheet HTML 3Page - Microchip Technology MCP3909_09 Datasheet HTML 4Page - Microchip Technology MCP3909_09 Datasheet HTML 5Page - Microchip Technology MCP3909_09 Datasheet HTML 6Page - Microchip Technology MCP3909_09 Datasheet HTML 7Page - Microchip Technology MCP3909_09 Datasheet HTML 8Page - Microchip Technology MCP3909_09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22025B-page 1
MCP3909
Features
• Supports IEC 62053 International Energy
Metering Specification and legacy IEC 1036/
61036/687 Specifications
• Digital waveform data access through SPI
interface
- 16-bit Dual ADC output data words
- 20-bit Multiplier output data word
• Dual functionality pins support serial interface
access and simultaneous Active Power Pulse
Output
• Two 16-bit second order delta-sigma
Analog-to-Digital Converters (ADCs) with multi-bit
DAC
- 81 dB SINAD (typ.) both channels
• 0.1% typical active energy measurement error
over 1000:1 dynamic range
• PGA for small signal inputs supports low value
shunt current sensor
• Ultra-low drift on-chip reference:
15 ppm/°C (typical)
• Direct drive for electromagnetic mechanical
counter and two-phase stepper motors
• Low IDD of 4 mA (maximum)
• Tamper output pin for negative power indication
• Industrial Temperature Range: -40°C to +85°C
Description
The MCP3909 device is an energy-metering IC
designed to support the IEC 62053 international
metering standard specification. It supplies a frequency
output proportional to the average active real power,
with simultaneous serial access to ADC channels and
multiplier output data. This output waveform data is
available at up to 14 kHz with 16-bit ADC output and
20-bit multiplier output words. The 16-bit, delta-sigma
ADCs allow for a wide range of IB and IMAX currents
and/or small shunt (<200 µOhms) meter designs.
A no-load threshold block prevents any current creep
measurements for the active power pulse outputs.
The integrated on-chip voltage reference has an
ultra-low temperature drift of 15 ppm per degree C.
This accurate energy metering IC with high field
reliability is available in the industry standard 24-lead
SSOP pinout.
Package Type
Functional Block Diagram
FOUT0
DGND
NEG / SDO
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
FOUT1
NC
CLKOUT
CLKIN
DVDD
HPF
AVDD
NC
CH0+
CHO-
CH1-
CH1+
HFOUT
16
9
G0
MCLR
15
14
10
11
G1
F0 / CS
REFIN / OUT
AGND
13
12
F1 / SDI
F2 / SCK
24-Lead
SSOP
16-bit
DS ADC
+
CH0+
CH0-
Reference
2.4V
+
CH1+
CH1-
HPF1
LPF1
DTF
conversion
REFIN/
FOUT1
HFOUT
G0 G1
F2/SCK F1/SDI
FOUT0
OSC1 OSC2
OUT
NEG/SDO
HPF
F0/CS
Multi-level
16-bit
DS ADC
Multi-level
X
PGA
Serial Control
Buffers
And Output
Stepper
Motor
Output Drive
Active Power
SPI
Interface
Dual Functionality Pin
Control
20
16
16
16
16
MCLR
Sub-system
Clock
for
Active Power
HPF1
4k
Ω
Energy Metering IC with SPI Interface and Active Power Pulse Output


Similar Part No. - MCP3909_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3909-E/SS MICROCHIP-MCP3909-E/SS Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
1Mb / 40P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909T-E/SS MICROCHIP-MCP3909T-E/SS Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909T-I/SS MICROCHIP-MCP3909T-I/SS Datasheet
1Mb / 40P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
More results

Similar Description - MCP3909_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com