Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2022T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 3 Page - Microchip Technology

  MCP2022T Datasheet HTML 1Page - Microchip Technology MCP2022T Datasheet HTML 2Page - Microchip Technology MCP2022T Datasheet HTML 3Page - Microchip Technology MCP2022T Datasheet HTML 4Page - Microchip Technology MCP2022T Datasheet HTML 5Page - Microchip Technology MCP2022T Datasheet HTML 6Page - Microchip Technology MCP2022T Datasheet HTML 7Page - Microchip Technology MCP2022T Datasheet HTML 8Page - Microchip Technology MCP2022T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 3
MCP2021/2
1.0
DEVICE OVERVIEW
The MCP2021/2 provides a physical interface between
a microcontroller and a LIN half-duplex bus. It is
intended for automotive and industrial applications with
serial bus speeds up to 20 Kbaud.
The MCP2021/2 provides a half-duplex, bidirectional
communications interface between a microcontroller
and the serial network bus. This device will translate
the CMOS/TTL logic levels to LIN level logic, and vice
versa.
The LIN specification 2.0 requires that the transceiver
of all nodes in the system be connected via the LIN pin,
referenced to ground and with a maximum external
termination resistance of 510
Ω from LIN bus to battery
supply. The 510
Ω corresponds to 1 Master and 16
Slave nodes.
The MCP2021-500 provides a +5V 50 mA regulated
power output. The regulator uses a LDO design, is
short-circuit-protected and will turn the regulator output
off if it falls below 3.5V. The MCP2021/2 also includes
thermal shutdown protection. The regulator has been
specifically designed to operate in the automotive
environment and will survive reverse battery connec-
tions, +43V load dump transients and double-battery
jumps. The other members of the MCP2021-330 family
output +3.3V at 50 mA with a turn-off voltage of 2.5V.
(see Section 1.6 “Internal Voltage Regulator”).
1.1
Optional External Protection
1.1.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Example 1-1).
1.1.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a 50
Ω transient
protection resistor (RTP) in series with the battery
supply and the VBB pin serve to protect the device from
power transients (see Example 1-1) and ESD events.
While
this
protection
is
optional,
it should
be
considered as good engineering practice.
EQUATION 1-1:
1.2
Internal Protection
1.2.1
ESD PROTECTION
For component-level ESD ratings, please refer to the
maximum operation specifications.
1.2.2
GROUND LOSS PROTECTION
The LIN Bus specification states that the LIN pin must
transition to the recessive state when ground is
disconnected. Therefore, a loss of ground effectively
forces the LIN line to a hi-impedance level.
1.2.3
THERMAL PROTECTION
The thermal protection circuit monitors the die
temperature and is able to shut down the LIN
transmitter and voltage regulator.
There are three causes for a thermal overload. A
thermal shut down can be triggered by any one, or a
combination
of,
the
following
thermal
overload
conditions.
• Voltage regulator overload
• LIN bus output overload
• Increase in die temperature due to increase in
environment temperature
Driving the TXD and checking the RXD pin makes it
possible to determine whether there is a bus contention
(Rx = low, Tx = high) or a thermal overload condition
(Rx = high, Tx = low).
FIGURE 1-1:
THERMAL SHUTDOWN
STATE DIAGRAMS
RTP <= (VBBmin - 5.5) / 250 mA.
5.5V = VUVLO + 1.0V,
250 mA is the peak current at power-on when
VBB = 5.5V
Operation
Mode
Transmitter
Shutdown
LIN bus
Voltage
Shutdown
Regulator
Output
Temp < SHUTDOWNTEMP
shorted
to VBB
Overload
Temp < SHUTDOWN
TEMP


Similar Part No. - MCP2022T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2022T MICROCHIP-MCP2022T Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
MCP2022T-330E-SL MICROCHIP-MCP2022T-330E-SL Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
MCP2022T-330E/MD MICROCHIP-MCP2022T-330E/MD Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022T-330E/MF MICROCHIP-MCP2022T-330E/MF Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022T-330E/P MICROCHIP-MCP2022T-330E/P Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
More results

Similar Description - MCP2022T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com