Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA8012N1220 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # IA8012N1220
Description  Broadband Isolating Amplifiers 0.5 to 18GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

IA8012N1220 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  IA8012N1220 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broadband Isolating Amplifiers 0.5 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Isolating Amplifiers
0.5 to 18GHz
Freq. Range
Pout@1dB
Gain
Reverse Isolation
VSWR
P/N
(dBm)
(dB)
Flatness
(dB)
Case
(GHz)
Min
Typ
(dB)
Typ
Max
IA0520N1120
0.5 - 2
20
11 - 14
± 0.75
20
2:1
2I, 2MH
IA0520N1820
0.5 - 2
20
18 - 22
± 1
30
2:1
2I
IA0520N2420
0.5 - 2
20
24 - 28
± 1
40
2:1
4I
IA2080N1220
2 - 8
20
12 - 16
± 1.5
20
2:1
3MH
IA2080N2020
2 - 8
20
18 - 22
± 1.5
30
2:1
4I
IA2080N2520
2 - 8
20
24 - 28
± 1.5
40
2:1
4I, 4MH
IA2018N0709
2 - 18
9
7 - 9
± 1.5
15
2.2:1
2I, 2MH
IA2018N1509
2 - 18
9
14 - 18
± 1.8
30
2.2:1
4I, 3MH
IA2018N2009
2 - 18
9
17 - 21
± 1.8
40
2.2:1
4I, 3MH
IA6018N1015
6 - 18
15
11 - 13
± 1.5
20
2:1
2I, 2MH
IA6018N1520
6 - 18
20
12 - 16
± 1.5
30
2:1
2I
IA6018N2020
6 - 18
20
18 - 22
± 1.5
40
2:1
4I, 3MH
IA8012N0515
8 - 12
15
5
± 1
20
2:1
2MH
IA8012N0920
8 - 12
20
9
± 1
20
2:1
2MH
IA8012N1120
8 - 12
20
11 - 13
± 1
20
2:1
2MH
IA8012N1115
8 - 12
15
11 - 13
± 1.5
20
2:1
2I, 2MH
IA8012N1220
8 - 12
20
12 - 16
± 1.5
30
2:1
2I
IA8012N1820
8 - 12
20
18 - 22
± 1.5
40
2:1
4I, 3MH
IA1218N0920
12 - 18
20
9
± 1
20
2:1
2MH
IA1218N1120
12 - 18
20
11 - 13
± 1
20
2:1
2MH
IA1218N1115
12 - 18
15
11 - 13
± 1.5
20
2:1
2I, 2MH
IA1218N1220
12 - 18
20
12 - 16
± 1.5
30
2:1
2I
IA1218N1820
12 - 18
20
18 - 22
± 1.5
40
2:1
4I, 3MH
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Designs Available


Similar Part No. - IA8012N1220

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
IA80186 AMD-IA80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
IA80186-10 AMD-IA80186-10 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
IA80186-10B AMD-IA80186-10B Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
IA80186B AMD-IA80186B Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
IA80188-10B AMD-IA80188-10B Datasheet
3Mb / 51P
   High Integration 8-Bit Microprocessor
More results

Similar Description - IA8012N1220

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Transcom, Inc.
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
   0.5-18GHz 2-Way Power Divider
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com