Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF6611TX2 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF6611TX2
Description  HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF6611TX2 Datasheet(HTML) 1 Page - XFMRS Inc.

  XF6611TX2 Datasheet HTML 1Page - XFMRS Inc. XF6611TX2 Datasheet HTML 2Page - XFMRS Inc. XF6611TX2 Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
Schematics:
HIGH SPEED SMT MAGNETIC MODULES
FOR 10/100BASE-TX APPLICATIONS
Dimensions:
Electrical Specifications:
1.000 Max
[25.40 Max]
0.390 Max
[9.90 Max]
0.500 Typ
[12.70 Typ]
0.100 Typ
[2.54 Typ]
0.018
[0.46]
0.700
[17.78]
XFMRS YYWW
0.370 Max
[9.40 Max]
0.004 Max
[0.10 Max]
CO-PLANARITY ±
SEE FOLLOWING PAGE
MEETS OPEN CIRCUIT INDUCTANCE (OCL) SPECIFICATIONS OF 350uH MIN WITH 8mA DC BIAS FROM
0-70oC
DESIGNS AVAILABLE FOR ALL 10/100BASE-TX PHY CHIPS
CUSTOM DESIGNS AVAILABLE INCLUDING THROUGH HOLE AND COMBOS
XF6611TX
XF6611TX1
XF6611TX2
XF6612TX
XF6612TX1
XF6612TX2
XF6692TX
XF6692TX1
XF6694TX
XF6694TX2
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1:1
1:1:1
1:1:1CT
1:1
1.25CT:1CT
1.25CT:1CT
1.25CT:1CT
1.41CT:1CT
1.41CT:1CT
1.41CT:1CT
2CT:1
2CT:1
2CT:1CT
1:2CT
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-16
-16
-16
-16
-16
-16
-15
-15
-15
-15
-12
-12
-12
-12
-12
-12
-15
-15
-15
-15
-10
-10
-10
-10
-10
-10
-15
-15
-15
-15
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-35
-35
-35
-35
-35
-35
-40
-40
-40
-40
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
Part
Number
Turns Ration
(+/-5%)
Receive
Return Loss
(dB TYP)
Crosstalk
(dB MAX)
Hipot
(Vrms MIN)
30 MHz 60 MHz
80 MHz
32 MHz
62 MHz
100 MHz
-35
-35
-35
-35
-35
-35
-40
-40
-40
-40
Transmit
Insertion Loss
100KHz-100MHz
(dB TYP)


Similar Part No. - XF6611TX2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6611TX2 XFMRS-XF6611TX2 Datasheet
141Kb / 3P
   HIGH SPEED SMT MAGNETIC MODULES
More results

Similar Description - XF6611TX2

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM2P XFMRS-XFATM2P Datasheet
217Kb / 5P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2 XFMRS-XFATM2 Datasheet
118Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
XFATM2B XFMRS-XFATM2B Datasheet
172Kb / 1P
   HIGH SPEED SMT MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Bothhand USA, LP.
LU1T14RC BOTHHAND-LU1T14RC Datasheet
127Kb / 2P
   HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
   HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Bothhand USA, LP.
LU4T14R1 BOTHHAND-LU4T14R1 Datasheet
705Kb / 2P
   HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
LU1T14R BOTHHAND-LU1T14R Datasheet
125Kb / 2P
   HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1164T PULSE-H1164T Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
logo
Bothhand USA, LP.
40ST1064M BOTHHAND-40ST1064M Datasheet
287Kb / 1P
   10/100BASE-TX TRANSFORMER MODULES FOR AUTO MDI/MDIX APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com