Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF0303-H02 Datasheet(PDF) 3 Page - XFMRS Inc.

Part # XF0303-H02
Description  POWER APPLICATIONS COMMON MODE CHOKES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0303-H02 Datasheet(HTML) 3 Page - XFMRS Inc.

  XF0303-H02 Datasheet HTML 1Page - XFMRS Inc. XF0303-H02 Datasheet HTML 2Page - XFMRS Inc. XF0303-H02 Datasheet HTML 3Page - XFMRS Inc. XF0303-H02 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
3
• 2000 VOLTS AC FOR 60 SECONDS
ISOLATION VOLTAGE
• 250 VOLTS AC/DC RATED VOLTAGE
• INSULATION RESISTANCE IS 100
Mohms MINIMUM AT 500 VDC
• CUSTOM VARIATIONS WELCOME AT
NO EXTRA CHARGE
POWER LINE CHOKES
COMMON MODE CHOKES
ELECTRICAL SPECIFICATIONS @ 25OC
XF0303-00U
XF0203-00U
XF0103-00U
XF0083-00U
XF0063-00U
XF0043-00U
XF0033-00U
XF0023-00U
0.40
0.50
0.60
0.80
0.80
1.00
0.75
1.20
30.0
20.0
10.0
8.0
6.0
4.0
3.0
2.0
2.80
1.60
1.20
0.80
0.70
0.40
1.00
0.30
PART
NUMBER
RATED
CURRENT
I/LINE
DCR
(OHMS/LINE)
MAX
INDUCTANCE
OCL
(mH) MIN
THESE SMALL POWER LINE CHOKES CAN BE USED TO
MINIMIZE EMI RADIATED NOISE IN THE COMMON MODE
ON ALL POWER APPLICATIONS. THE XFMRS GROUP
OFFERS A WIDE VARIETY OF INDUCTANCE AND RATED
CURRENTS TO PROVIDE FULL COVERAGE OF YOUR
POWER REQUIREMENTS.
SCHEMATIC
MECHANICALS


Similar Part No. - XF0303-H02

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0303-H02 XFMRS-XF0303-H02 Datasheet
29Kb / 4P
   POWER APPLICATIONS COMMON MODE CHOKES
XF0303-H02 XFMRS-XF0303-H02 Datasheet
29Kb / 4P
   POWER APPLICATIONS
More results

Similar Description - XF0303-H02

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0043-00U XFMRS-XF0043-00U Datasheet
29Kb / 4P
   POWER APPLICATIONS COMMON MODE CHOKES
logo
Abracon Corporation
ACMP-1566 ABRACON-ACMP-1566 Datasheet
935Kb / 6P
   Power Common Mode Chokes
06-29-22
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Abracon Corporation
ACMP-1264 ABRACON-ACMP-1264 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-3225 ABRACON-ACMP-3225 Datasheet
639Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-4528 ABRACON-ACMP-4528 Datasheet
666Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-5045 ABRACON-ACMP-5045 Datasheet
1,019Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-7038 ABRACON-ACMP-7038 Datasheet
753Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-9050 ABRACON-ACMP-9050 Datasheet
760Kb / 6P
   Power Common Mode Chokes
06-29-22
logo
Coilcraft lnc.
CP312FRA COILCRAFT-CP312FRA Datasheet
340Kb / 2P
   Common Mode Chokes for Critical Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com