Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73871 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 2Page - Microchip Technology MCP73871 Datasheet HTML 3Page - Microchip Technology MCP73871 Datasheet HTML 4Page - Microchip Technology MCP73871 Datasheet HTML 5Page - Microchip Technology MCP73871 Datasheet HTML 6Page - Microchip Technology MCP73871 Datasheet HTML 7Page - Microchip Technology MCP73871 Datasheet HTML 8Page - Microchip Technology MCP73871 Datasheet HTML 9Page - Microchip Technology MCP73871 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP73871
DS22090B-page 6
© 2009 Microchip Technology Inc.
Input Current Limit Control (ICLC)
USB-Port Supply Current Limit
ILIMIT_USB
80
90
100
mA
PROG2 = Low, SEL = Low
400
450
500
mA
PROG2 = High, SEL = Low
TA=-5°C to +55°C
AC-DC Adapter Current Limit
ILIMIT_AC
1500
1650
1800
mA
SEL = High, TA=-5°C to +55°C
Voltage Proportional Charge Control (VPCC - Input Voltage Regulation)
VPCC Input Threshold
VVPCC
—1.23
V
IOUT=10 mA
VPCC Input Threshold Tolerance
VRTOL
-3
+3
%
TA=-5°C to +55°C
Input Leakage Current
ILK
—0.01
1
µA
VVPCC = VDD
Precondition Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current Ratio
IPREG / IREG
7.5
10
12.5
%
PROG1 = 1.0 k
Ω to 10 kΩ
TA=-5°C to +55°C
Precondition Current Threshold Ratio
VPTH / VREG
69
72
75
%
VBAT Low-to-High
Precondition Hysteresis
VPHYS
105
mV
VBAT High-to-Low
Automatic Charge Termination Set Point
Charge Termination Current Ratio
ITERM
75
100
125
mA
PROG3 = 10 k
Ω
7.5
10
12.5
mA
PROG3 = 100 k
Ω
TA=-5°C to +55°C
Automatic Recharge
Recharge Voltage Threshold Ratio
VRTH
VREG -
0.21V
VREG -
0.15V
VREG -
0.09V
VVBAT High-to-Low
IN-to-OUT Pass Transistor ON-Resistance
ON-Resistance
RDS_ON
200
m
Ω
VDD = 4.5V, TJ = 105°C
Charge Transistor ON-Resistance
ON-Resistance
RDSON_
200
m
Ω
VDD = 4.5V, TJ = 105°C
BAT-to-OUT Pass Transistor ON-Resistance
ON-Resistance
RDS_ON
200
m
Ω
VDD = 4.5V, TJ = 105°C
Battery Discharge Current
Output Reverse Leakage Current
IDISCHARGE
30
40
µA
Shutdown
(VBAT < VDD < VUVLO)
30
40
µA
Shutdown (0 < VDD < VBAT)
—30
40
µA
VBAT = Power Out, No Load
-6
-13
µA
Charge Complete
Status Indicators - STAT1 (LBO), STAT2, PG
Sink Current
ISINK
—16
35
mA
Low Output Voltage
VOL
—0.4
1
V
ISINK = 4 mA
Input Leakage Current
ILK
0.01
1
µA
High Impedance, VDD on pin
Low Battery Indicator (LBO)
Low Battery Detection Threshold
VLBO
—Disable
VBAT > VIN, PG = Hi-Z
2.85
3.0
3.15
V
TA=-5°C to +55°C
2.95
3.1
3.25
V
3.05
3.2
3.35
V
Low Battery Detection Hysteresis
VLBO_HYS
150
mV
VBAT Low-to-High
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for V
IN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.


Similar Part No. - MCP73871

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871-1CAI/ML MICROCHIP-MCP73871-1CAI/ML Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871-1CCI/ML MICROCHIP-MCP73871-1CCI/ML Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
More results

Similar Description - MCP73871

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
logo
Texas Instruments
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com