Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1415RT Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1415RT
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415RT Datasheet(HTML) 5 Page - Microchip Technology

  MCP1415RT Datasheet HTML 1Page - Microchip Technology MCP1415RT Datasheet HTML 2Page - Microchip Technology MCP1415RT Datasheet HTML 3Page - Microchip Technology MCP1415RT Datasheet HTML 4Page - Microchip Technology MCP1415RT Datasheet HTML 5Page - Microchip Technology MCP1415RT Datasheet HTML 6Page - Microchip Technology MCP1415RT Datasheet HTML 7Page - Microchip Technology MCP1415RT Datasheet HTML 8Page - Microchip Technology MCP1415RT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 5
MCP1415/16
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ =18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay Time vs.
Input Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
400
4
6
8
10
12
14
16
18
Supply Voltage (V)
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
25
50
75
100
125
150
175
200
225
100
1000
10000
Capacitive Load (pF)
5V
12V
18V
10
15
20
25
30
35
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
CLOAD = 1000 pF
VDD = 18V
tFALL
tRISE
0
50
100
150
200
250
300
4
6
8
10
121416
18
Supply Voltage (V)
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
25
50
75
100
125
150
175
200
100
1000
10000
Capacitive Load (pF)
5V
12V
18V
40
42
44
46
48
50
52
54
456789
10
11
12
Input Amplitude (V)
VDD = 12V
tD2
tD1


Similar Part No. - MCP1415RT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415RT-E MICROCHIP-MCP1415RT-E Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415RT-OT MICROCHIP-MCP1415RT-OT Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
More results

Similar Description - MCP1415RT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com