Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA01HT Datasheet(PDF) 5 Page - Microchip Technology

Part # 24AA01HT
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA01HT Datasheet(HTML) 5 Page - Microchip Technology

  24AA01HT Datasheet HTML 1Page - Microchip Technology 24AA01HT Datasheet HTML 2Page - Microchip Technology 24AA01HT Datasheet HTML 3Page - Microchip Technology 24AA01HT Datasheet HTML 4Page - Microchip Technology 24AA01HT Datasheet HTML 5Page - Microchip Technology 24AA01HT Datasheet HTML 6Page - Microchip Technology 24AA01HT Datasheet HTML 7Page - Microchip Technology 24AA01HT Datasheet HTML 8Page - Microchip Technology 24AA01HT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22104A-page 5
24AA01H/24LC01BH
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A0, A1, A2
The A0, A1 and A2 pins are not used by the 24XX01H.
They may be left floating or tied to either VSS or VCC.
2.2
Serial Address/Data Input/Output
(SDA)
The SDA input is a bidirectional pin used to transfer
addresses and data into and out of the device. Since
it is an open-drain terminal, the SDA bus requires a
pull-up resistor to VCC (typical 10 k
Ω for 100 kHz,
2k
Ω for 400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
2.3
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 00-7F).
If tied to VCC, write operations are inhibited. Half of the
memory will be write-protected (40h-7Fh). Read
operations are not affected.
Name
PDIP
SOIC
TSSOP
TDFN
MSOP
SOT23
SC-70
Description
A0
1
1
1
1
1
Not Connected
A1
2
2
2
2
2
Not Connected
A2
3
3
3
3
3
Not Connected
VSS
44
4
4
4
2
2
Ground
SDA
5
5
5
5
5
3
3
Serial Address/Data I/O
SCL6
6
6
6
6
11
Serial Clock
WP
7
7
7
7
7
5
5
Write-Protect Input
VCC
8
8
8
8
8
4
4
+1.7V to 5.5V Power Supply


Similar Part No. - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
   1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA01 MICROCHIP-24AA01 Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24AA01 MICROCHIP-24AA01 Datasheet
607Kb / 34P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01 Datasheet
343Kb / 26P
   1K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
   4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com