Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC02BH Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC02BH
Description  2K I2C??Serial EEPROM with Half-Array Write-Protect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02BH Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC02BH Datasheet HTML 6Page - Microchip Technology 24LC02BH Datasheet HTML 7Page - Microchip Technology 24LC02BH Datasheet HTML 8Page - Microchip Technology 24LC02BH Datasheet HTML 9Page - Microchip Technology 24LC02BH Datasheet HTML 10Page - Microchip Technology 24LC02BH Datasheet HTML 11Page - Microchip Technology 24LC02BH Datasheet HTML 12Page - Microchip Technology 24LC02BH Datasheet HTML 13Page - Microchip Technology 24LC02BH Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
24AA02H/24LC02BH
DS22105A-page 10
© 2008 Microchip Technology Inc.
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX02H contains an address counter that main-
tains the address of the last word accessed, internally
incremented by ‘1’. Therefore, if the previous access
(either a read or write operation) was to address
n, the
next current address read operation would access data
from address
n + 1. Upon receipt of the slave address
with R/W bit set to ‘1’, the 24XX02H issues an acknowl-
edge and transmits the 8-bit data word. The master will
not acknowledge the transfer, but does generate a Stop
condition, and the 24XX02H discontinues transmission
(Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is accomplished by sending the word
address to the 24XX02H as part of a write operation.
Once the word address is sent, the master generates
a Start condition following the acknowledge. This
terminates the write operation, but not before the
internal Address Pointer is set. The master then
issues the control byte again, but with the R/W bit set
to a ‘1’. The 24XX02H will then issue an acknowledge
and transmit the 8-bit data word. The master will not
acknowledge the transfer, but does generate a Stop
condition,
and
the
24XX02H
will
discontinue
transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, except that once the 24XX02H transmits
the first data byte, the master issues an acknowledge
as opposed to a Stop condition in a random read. This
directs the 24XX02H to transmit the next sequentially-
addressed 8-bit word (Figure 8-3).
To provide sequential reads, the 24XX02H contains an
internal Address Pointer that is incremented by one
upon completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation.
8.4
Noise Protection
The 24XX02H employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation, even on a noisy bus.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
o
A
C
K
S
T
A
R
T
1
01
0
xx
x
1
Block
Select
Bits
x
= “don’t care”


Similar Part No. - 24LC02BH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02B MICROCHIP-24LC02B Datasheet
451Kb / 12P
   1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
2009
24LC02B MICROCHIP-24LC02B Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24LC02B MICROCHIP-24LC02B Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24LC02B MICROCHIP-24LC02B Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B MICROCHIP-24LC02B Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24LC02BH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
   4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com