Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11AA02E48 Datasheet(PDF) 8 Page - Microchip Technology

Part # 11AA02E48
Description  2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02E48 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 11AA02E48 Datasheet HTML 4Page - Microchip Technology 11AA02E48 Datasheet HTML 5Page - Microchip Technology 11AA02E48 Datasheet HTML 6Page - Microchip Technology 11AA02E48 Datasheet HTML 7Page - Microchip Technology 11AA02E48 Datasheet HTML 8Page - Microchip Technology 11AA02E48 Datasheet HTML 9Page - Microchip Technology 11AA02E48 Datasheet HTML 10Page - Microchip Technology 11AA02E48 Datasheet HTML 11Page - Microchip Technology 11AA02E48 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
11AA02E48
DS22122A-page 8
Preliminary
© 2008 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Part Number
1st Line Marking Code
SOT-23
I Temp.
11AA02E48
E2NN
Note:
NN = Alphanumeric traceability code
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0828
11A2E48I
1L7
3
e
3-Lead SOT-23
XXNN
Example:
E217
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e


Similar Part No. - 11AA02E48

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02E48 MICROCHIP-11AA02E48 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
11AA02E48 MICROCHIP-11AA02E48 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
11AA02E48-I/SN MICROCHIP-11AA02E48-I/SN Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E48-I/TT MICROCHIP-11AA02E48-I/TT Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E48T MICROCHIP-11AA02E48T Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results

Similar Description - 11AA02E48

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
93AA46AE48 MICROCHIP-93AA46AE48 Datasheet
426Kb / 26P
   1K Microwire Serial EEPROM with EUI-48??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com